Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 26 Page - Texas Instruments

Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13630 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments TLVM13630 Datasheet HTML 24Page - Texas Instruments TLVM13630 Datasheet HTML 25Page - Texas Instruments TLVM13630 Datasheet HTML 26Page - Texas Instruments TLVM13630 Datasheet HTML 27Page - Texas Instruments TLVM13630 Datasheet HTML 28Page - Texas Instruments TLVM13630 Datasheet HTML 29Page - Texas Instruments TLVM13630 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
8.2.1.3 Application Curves
Unless otherwise indicated, VIN = 24 V, VOUT = 5 V, IOUT = 3 A, and FSW = 1 MHz.
VIN (20 V/DIV)
PG (5 V/DIV)
2 ms/DIV
VOUT (5 V/DIV)
EN (5 V/DIV)
VIN = 24 V
VOUT = 5 V
Figure 8-2. Start-Up Waveforms
PG (5 V/DIV)
500 µs/DIV
VOUT (5 V/DIV)
EN (5 V/DIV)
VIN (20 V/DIV)
VIN = 24 V
VOUT = 5 V
Figure 8-3. Shutdown Waveforms
VOUT (200 mV/DIV)
IOUT (2 A/DIV)
50 µs/DIV
5V
VIN = 24 V
VOUT = 5 V
FSW = 1 MHz
COUT = 2 × 47µF
Figure 8-4. Load Transient 0 A to 3 A, 1 A/µs
VOUT (200 mV/DIV)
IOUT (2 A/DIV)
50 µs/DIV
5V
VIN = 24 V
VOUT = 5 V
FSW = 1 MHz
COUT = 2 × 47µF
Figure 8-5. Load Transient 1.5 A to 3 A, 1 A/µs
VOUT (200 mV/DIV)
IOUT (2 A/DIV)
50 µs/DIV
3.3V
VIN = 24 V
VOUT = 3.3 V
FSW = 1 MHz
COUT = 2 × 47µF
Figure 8-6. Load Transient 0 A to 3 A, 1 A/µs
VOUT (200 mV/DIV)
IOUT (2 A/DIV)
50 µs/DIV
3.3V
VIN = 24 V
VOUT = 3.3 V
F SW = 1 MHz
COUT = 2 × 47µF
Figure 8-7. Load Transient 1.5 A to 3 A, 1 A/µs
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com