Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 30 Page - Texas Instruments

Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13630 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 26Page - Texas Instruments TLVM13630 Datasheet HTML 27Page - Texas Instruments TLVM13630 Datasheet HTML 28Page - Texas Instruments TLVM13630 Datasheet HTML 29Page - Texas Instruments TLVM13630 Datasheet HTML 30Page - Texas Instruments TLVM13630 Datasheet HTML 31Page - Texas Instruments TLVM13630 Datasheet HTML 32Page - Texas Instruments TLVM13630 Datasheet HTML 33Page - Texas Instruments TLVM13630 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
8.2.2.3 Application Curves
Unless otherwise indicated, VIN = 12 V, VOUT = –5 V, and FSW = 1 MHz.
Load Current (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
60
65
70
75
80
85
90
95
VIN = 12 V
VIN = 18 V
VIN = 24 V
Figure 8-13. Efficiency Curves
Load Current (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
5.09
5.092
5.094
5.096
5.098
5.1
VIN = 12 V
VIN = 18 V
VIN = 24 V
Figure 8-14. Load Regulation
VOUT (100 mV/DIV)
IOUT (1 A/DIV)
200 µs/DIV
-5V
0A
VIN = 12 V
VOUT = –5 V
FSW = 1 MHz
COUT = 2 × 47 µF
Figure 8-15. Load Transient –0.5 A to –1.5 A, 1 A/µs
VOUT (200 mV/DIV)
IOUT (1 A/DIV)
200 µs/DIV
-5V
0A
VIN = 12 V
VOUT = –5 V
FSW = 1 MHz
COUT = 2 × 47 µF
Figure 8-16. Load Transient 0 A to –2 A, 1 A/µs
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com