Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13630 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments TLVM13630 Datasheet HTML 12Page - Texas Instruments TLVM13630 Datasheet HTML 13Page - Texas Instruments TLVM13630 Datasheet HTML 14Page - Texas Instruments TLVM13630 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
6.8 Typical Characteristics: VIN = 12 V
Refer to Section 8.2 for circuit designs.
Output Current (A)
0
0.5
1
1.5
2
2.5
3
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VOUT, FSW
5.0 V, 1.0 MHz
3.3 V, 800 kHz
2.5 V, 750 kHz
1.8 V, 600 kHz
VLDOIN = VOUT
Figure 6-7. Efficiency
Output Current (A)
0
0.5
1
1.5
2
2.5
3
0.0
0.3
0.6
0.9
1.2
1.5
VOUT, FSW
5.0 V, 1.0 MHz
3.3 V, 800 kHz
2.5 V, 750 kHz
1.8 V, 600 kHz
VLDOIN = VOUT
Figure 6-8. Power Dissipation
Output Current (A)
0
0.5
1
1.5
2
2.5
3
6
8
10
12
14
16
18
20
22
VOUT, FSW
5.0 V, 1.0 MHz
3.3 V, 800 kHz
2.5 V, 750 kHz
1.8 V, 600 kHz
COUT = 2 × 47-µF ceramic, 25-V, 1206 case size
Figure 6-9. Output Voltage Ripple
Output Current (A)
0
0.5
1
1.5
2
2.5
3
25
35
45
55
65
75
85
95
105
115
Airflow
400LFM
200LFM
100LFM
Nat conv
Device soldered to a 64-mm × 83-mm, 4-layer PCB
Figure 6-10. Safe Operating Area
VOUT = 1.8 V, FSW = 600 kHz
Output Current (A)
0
0.5
1
1.5
2
2.5
3
25
35
45
55
65
75
85
95
105
115
Airflow
400LFM
200LFM
100LFM
Nat conv
Device soldered to a 64-mm × 83-mm, 4-layer PCB
Figure 6-11. Safe Operating Area
VOUT = 3.3 V, FSW = 800 kHz
Output Current (A)
0
0.5
1
1.5
2
2.5
3
25
35
45
55
65
75
85
95
105
115
Airflow
400LFM
200LFM
100LFM
Nat conv
Device soldered to a 64-mm × 83-mm, 4-layer PCB
Figure 6-12. Safe Operating Area
VOUT = 5.0 V, FSW = 1 MHz
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com