Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV9302IDDFRG4
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV9302IDDFRG4 Datasheet HTML 16Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 17Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 18Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 19Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 20Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 21Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 22Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 23Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
7.3.5 Capacitive Load and Stability
The TLV930x features a resistive output stage capable of driving smaller capacitive loads, and by leveraging
an isolation resistor, the device can easily be configured to drive large capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 7-6 and Figure 7-7. The
particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier is stable in operation.
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
5
10
15
20
25
30
35
40
45
50
55
C008
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
Figure 7-6. Small-Signal Overshoot vs Capacitive
Load (100-mV Output Step, G = 1)
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
3
6
9
12
15
18
21
24
27
30
33
C007
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
Figure 7-7. Small-Signal Overshoot vs Capacitive
Load (100-mV Output Step, G = –1)
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small (10
Ω to 20 Ω) resistor, RISO, in series with the output, as shown in Figure 7-8. This resistor significantly reduces
ringing and maintains DC performance for purely capacitive loads. However, if a resistive load is in parallel
with the capacitive load, then a voltage divider is created, thus introducing a gain error at the output and
slightly reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally
negligible at low output levels. A high capacitive load drive makes the TLV930x well suited for applications such
as reference buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 7-8 uses an
isolation resistor, RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for
increased phase margin. For additional information on techniques to optimize and design using this circuit, TI
Precision Design TIDU032 details complete design goals, simulation, and test results.
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 7-8. Extending Capacitive Load Drive With the TLV9301
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com