Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV9302IDDFRG4
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV9302IDDFRG4 Datasheet HTML 5Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 6Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 7Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 8Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 9Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 10Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 11Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 12Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Offset Voltage (PV)
0
5%
10%
15%
20%
25%
D001
TA = 25°C
Figure 6-1. Offset Voltage Production Distribution
Offset Voltage Drift (PV/qC)
0
5%
10%
15%
20%
25%
D002
Figure 6-2. Offset Voltage Drift Distribution
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
D003
VCM = V+
Figure 6-3. Offset Voltage vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1200
-900
-600
-300
0
300
600
900
1200
D004
VCM = V–
Figure 6-4. Offset Voltage vs Temperature
Common Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-800
-600
-400
-200
0
200
400
600
800
D005
TA = 25°C
Figure 6-5. Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
44
-750
-600
-450
-300
-150
0
150
300
450
600
750
D008
Figure 6-6. Offset Voltage vs Power Supply
www.ti.com
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com