Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IDDFRG4 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV9302IDDFRG4
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDDFRG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV9302IDDFRG4 Datasheet HTML 20Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 21Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 22Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 23Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 24Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 25Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 26Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 27Page - Texas Instruments TLV9302IDDFRG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
You can use this chart to calculate approximate probability of a specification in a unit; for example, for TLV930x,
the typical input voltage offset is 500 µV, so 68.2% of all TLV930x devices are expected to have an offset from
–500 µV to +500 µV. At 4 σ (±2000 µV), 99.9937% of the distribution has an offset voltage less than ±2000 µV,
which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the TLV930x family has a maximum offset voltage of 2.5
mV at 125°C, and even though this corresponds to 5 σ (≈1 in 1.7 million units), which is extremely unlikely, TI
assures that any unit with larger offset than 2.5 mV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the 6σ
value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be an option
as a wide guardband to design a system around. In this case, the TLV930x family does not have a maximum or
minimum for offset voltage drift, but based on Figure 6-2 and the typical value of 2 µV/°C in Section 6.7, it can
be calculated that the 6-σ value for offset voltage drift is about 12 µV/°C. When designing for worst-case system
conditions, this value can be used to estimate the worst possible offset across temperature without having an
actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
7.4 Device Functional Modes
The TLV930x has a single functional mode and is operational when the power-supply voltage is greater than 4.5
V (±2.25 V). The maximum power supply voltage for the TLV930x is 40 V (±20 V).
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com