Electronic Components Datasheet Search
  English  ▼

X  

TMDS181RGZRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMDS181RGZRG4
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS181RGZRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS181RGZRG4 Datasheet HTML 4Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 5Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 6Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 7Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 8Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 9Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 10Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 11Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
TMDS181, TMDS181I
SLASE75D – AUGUST 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS181
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Test conditions for ΨJB and ΨJT are clarified in the Semiconductor and IC Package Thermal Metrics.
6.4 Thermal Information
THERMAL METRIC(1)(2)
TMDS181x
UNIT
RGZ (VQFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
31.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.2
°C/W
RθJB
Junction-to-board thermal resistance
8.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
°C/W
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C temperature unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C temperature unless otherwise noted
(3)
ICC is a direct result of the source design as the TMDS181x integrated receive termination resistor accounts for 85 to 110 mA.
(4)
IDD is impacted by ARC usage. Connecting a 500 kΩ resistor to GND at SPDIF reduces the value by more than 20 mA
(5)
The measurements were made with no active source connected.
6.5 Power Supply Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
PD1
(3) (4)
Device power dissipation
(retimer operation)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS pattern, VI = 3.3 V,
I2C_EN/PIN = L, PRE_SEL= NC, EQ_SEL= NC,
SDA_CTL/CLK_CTL = 0 V
800
900
mW
PD2
(3) (4)
Device power dissipation
(redriver operation)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 2.97 Gbps TMDS pattern, VI = 3.3 V,
I2C_EN/PIN = L, PRE_SEL= NC, EQ_SEL= H,
SDA_CTL/CLK_CTL = 0 V
500
600
mW
PSD1
(3) (4) (5)
Device power in standby
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V, HPD = H, No
valid input signal
50
100
mW
PSD2
(3) (4) (5)
Device power in power down
OE = L, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
10
30
mW
ICC1
(3) (4)
VCC supply current (TMDS
6Gpbs retimer mode)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = NC,
SDA_CTL/CLK_CTL = 0 V
131
150
mA
IDD1
(3) (4)
VDD supply current (TMDS
6Gpbs retimer mode)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = NC,
SDA_CTL/CLK_CTL = 0 V
332
350
mA
ICC2
(3) (4)
VCC supply current (TMDS
6Gpbs redriver mode)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 2.97 Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V
92
mA
IDD2
(3) (4)
VDD supply current (TMDS
6Gpbs redriver mode)
OE = H, VCC= 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 3.4 Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V
187
mA
ISD1
(5)
Standby current
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2
V/1.27 V, HPD = H: No valid signal on
IN_CLK
3.3 V rail(3)
6
15
mA
1.2 V rail
40
50
ISD2
(5)
Power-down current
OE = L, VCC = 3.3 V/3.465 V, VDD = 1.2
V/1.27 V
3.3 V rail(3)
2
5
mA
1.2 V rail
3.5
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com