Electronic Components Datasheet Search
  English  ▼

X  

TMDS181RGZRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMDS181RGZRG4
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS181RGZRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS181RGZRG4 Datasheet HTML 9Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 10Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 11Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 12Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 13Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 14Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 15Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 16Page - Texas Instruments TMDS181RGZRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
13
TMDS181, TMDS181I
www.ti.com
SLASE75D – AUGUST 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS181
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
6.10 TMDS Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
REDRIVER MODE
dR
Data rate (redriver mode)
250
3400
Mbps
tPLH
Propagation delay time (low to
high)
250
600
ps
tPHL
Propagation delay time (high to
low)
250
800
ps
tT1(1.4b)
Transition time (rise and fall
time); measured at 20% and
80% levels for data lanes.
TMDS clock meets tT3 for all
three times.
TX_TERM_CTL = NC; PRE_SEL = NC;
OE = H; 1.48 Gbps and 2.97 Gbps data
lines, 148 MHz and 297 MHz clock
75
ps
tT3
TX_TERM_CTL = NC; PRE_SEL = NC;
OE = H; 1.48 Gbps, 2.97 Gbps
100
ps
tSK_INTRA
Intra-pair output skew
Default setting for internal intra-pair skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
NC; 1.48 Gbps, 2.97 Gbps; See Figure 8
40
ps
tSK_INTER
Inter-pair output skew
Default setting for internal inter-pair skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
NC; 1.48 Gbps, 2.97 Gbps; See Figure 8
100
ps
tJITD1(1.4b)
Total output data jitter
HDMI1.4b
DR = 2.97 Gbps, PRE_SEL = NC,
EQ_SEL/A0 = NC ; . See Figure 12 at
TTP3
0.2
Tbit
tJITC1(1.4b)
Total output clock jitter
CLK = 25 MHz, 74.25 MHz, 75 MHz, 150
MHz, 297 MHz
0.25
Tbit
RETIMER MODE
dR
Data rate (retimer mode)
0.25
6
Gbps
dXVR
Automatic redriver to retimer
crossover (when selected)
Measured with input signal applied = 200
mVpp
0.75
1
1.25
Gbps
fCROSSOVER
Crossover frequency hysteresis
250
MHz
PLLBW
Data retimer PLL bandwidth
Default loop bandwidth setting
0.4
1
MHz
tACQ
Input clock frequency detection
and retimer acquisition time
180
µs
IJT1
Input clock jitter tolerance
Tested when data rate >1.0Gbps
0.3
Tbit
tT1(2.0)
Transition time (rise and fall
time); measured at 20% and
80% levels for data lanes.
TMDS clock meets tT3 for all
three times.
TX_TERM_CTL = L; PRE_SEL = NC; 6
Gbps data lines,
45
ps
tT1 (1.4b)
TX_TERM_CTL = NC; PRE_SEL = NC;
1.48 Gbps and 2.97 Gbps data lines, 148
MHz and 297 MHz clock
75
ps
tT3
TX_TERM_CTL = NC; PRE_SEL = NC;
1.48 Gbps, 2.97 Gbps, 6 Gbps data lines,
148 MHz, 297 MHz clock
100
ps
tDCD
OUT_CLK ± duty cycle
40%
50%
60%
tSK_INTER
Inter-pair output skew
Default setting for internal inter-pair skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
NC; 1.48 Gbps, 2.97 Gbps, 6 Gbps data
lines, 148 MHz, 297 MHz clock; See
Figure 8
0.2
Tch
tSK_INTRA
Intra-pair output skew
Default setting for internal intra-pair skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
NC; 1.48 Gbps, 2.97 Gbps, 6 Gbps data
lines, 148 MHz, 297 MHz clock; See
Figure 8
0.15
Tbit
tJITC1(1.4b)
Total output clock jitter
CLK = 25 MHz, 74.25 MHz, 75 MHz, 150
MHz, 297 MHz
0.25
Tbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com