Electronic Components Datasheet Search
  English  ▼

X  

STTH1512-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1512-Y
Description  1200 V Automotive ultrafast recovery, high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1512-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1512-Y Datasheet HTML 1Page - STMicroelectronics STTH1512-Y Datasheet HTML 2Page - STMicroelectronics STTH1512-Y Datasheet HTML 3Page - STMicroelectronics STTH1512-Y Datasheet HTML 4Page - STMicroelectronics STTH1512-Y Datasheet HTML 5Page - STMicroelectronics STTH1512-Y Datasheet HTML 6Page - STMicroelectronics STTH1512-Y Datasheet HTML 7Page - STMicroelectronics STTH1512-Y Datasheet HTML 8Page - STMicroelectronics STTH1512-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
IF(RMS)
Forward rms current
50
A
IF(AV)
Average forward current δ = 0.5, square wave
TC = 130 °C
15
A
IFRM
Repetitive peak forward current
tp = 5 μs, F = 5 kHz square
200
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
200
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
Table 2. Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
1.3
°C/W
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
15
µA
Tj = 150 °C
-
10
100
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
2.10
V
Tj = 150 °C
-
1.25
1.90
Tj = 150 °C
-
1.20
1.80
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 1.4 x IF(AV) + 0.027 x IF 2 (RMS)
STTH1512-Y
Characteristics
DS9417 - Rev 2
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com