Electronic Components Datasheet Search
  English  ▼

X  

STTH1512-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1512-Y
Description  1200 V Automotive ultrafast recovery, high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1512-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1512-Y Datasheet HTML 1Page - STMicroelectronics STTH1512-Y Datasheet HTML 2Page - STMicroelectronics STTH1512-Y Datasheet HTML 3Page - STMicroelectronics STTH1512-Y Datasheet HTML 4Page - STMicroelectronics STTH1512-Y Datasheet HTML 5Page - STMicroelectronics STTH1512-Y Datasheet HTML 6Page - STMicroelectronics STTH1512-Y Datasheet HTML 7Page - STMicroelectronics STTH1512-Y Datasheet HTML 8Page - STMicroelectronics STTH1512-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.1
Characteristic (curves)
Figure 1. Conduction losses versus average current
0
5
10
15
20
25
30
35
0
2
4
6
8
1 0
12
1 4
16
18
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1
δ = 0.2
δ = 0.5
Figure 2. Forward voltage drop versus forward current
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
Figure 3. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z
/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
Figure 4. Peak reverse recovery current versus dIF/dt
(typical values)
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I = I
F F (AV)
I =0.5 x I
F
F(AV)
V =600V
T =125°C
R
j
STTH1512-Y
Characteristics (curves)
DS9417 - Rev 2
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com