Electronic Components Datasheet Search
  English  ▼

X  

AMC0200D Datasheet(PDF) 15 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 11Page - Texas Instruments AMC0200D Datasheet HTML 12Page - Texas Instruments AMC0200D Datasheet HTML 13Page - Texas Instruments AMC0200D Datasheet HTML 14Page - Texas Instruments AMC0200D Datasheet HTML 15Page - Texas Instruments AMC0200D Datasheet HTML 16Page - Texas Instruments AMC0200D Datasheet HTML 17Page - Texas Instruments AMC0200D Datasheet HTML 18Page - Texas Instruments AMC0200D Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
6.17 Typical Characteristics (continued)
at VDD1 = 5V, VDD2 = 3.3V, VINP = –250mV to 250mV, VINN = 0V, and fIN = 10kHz (unless otherwise noted)
-350 -300 -250 -200 -150 -100 -50
0
50 100 150 200 250 300 350
Differential Input Voltage(mV)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
TA = 125 C
TA = 25 C
TA = -40 C
G074
specified linear range
Total uncalibrated output error is defined as:
(VOUT / G– VIN ) / (VClipping × 100), where G is the nominal
gain of the device (8.2V/V) and VClipping is 0.32V
Figure 6-18. Unadjusted Error vs Input Voltage
-250 -200 -150 -100
-50
0
50
100
150
200
250
Differential Input Voltage(mV)
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
G028
Figure 6-19. Nonlinearity vs Input Voltage
3
3.5
4
4.5
5
5.5
VDDx (V)
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
vs VDD1
vs VDD2
G029
Figure 6-20. Nonlinearity vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
Device 1
Device 2
Device 3
G030
Figure 6-21. Nonlinearity vs Temperature
3
3.5
4
4.5
5
5.5
VDDx (V)
-95
-90
-85
-80
-75
-70
vs VDD1
vs VDD2
G056
Figure 6-22. Total Harmonic Distortion vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
-95
-90
-85
-80
-75
-70
Device 1
Device 2
Device 3
G059
Figure 6-23. Total Harmonic Distortion vs Temperature
www.ti.com
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com