Electronic Components Datasheet Search
  English  ▼

X  

AMC0200D Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 18Page - Texas Instruments AMC0200D Datasheet HTML 19Page - Texas Instruments AMC0200D Datasheet HTML 20Page - Texas Instruments AMC0200D Datasheet HTML 21Page - Texas Instruments AMC0200D Datasheet HTML 22Page - Texas Instruments AMC0200D Datasheet HTML 23Page - Texas Instruments AMC0200D Datasheet HTML 24Page - Texas Instruments AMC0200D Datasheet HTML 25Page - Texas Instruments AMC0200D Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
7.4 Device Functional Modes
The AMC0x00D operates in one of the following states:
• Off-state: The low-side supply (VDD2) is below the VDD2UV threshold. The device is not responsive. OUTP
and OUTN are in Hi-Z state. Internally, OUTP and OUTN are clamped to VDD2 and GND2 by ESD protection
diodes.
• Missing high-side supply: The low-side of the device (VDD2) is supplied and within recommended operating
conditions. The high-side supply (VDD1) is below the VDD1UV threshold. The device outputs the VFAILSAFE
voltage.
• Analog input overrange (positive full-scale input): VDD1 and VDD2 are within recommended operating
conditions but the analog input voltage VIN is above the maximum clipping voltage VClipping, MAX. The device
outputs positive VCLIPout.
• Analog input underrange (negative full-scale input): VDD1 and VDD2 are within recommended operating
conditions but the analog input voltage VIN is below the minimum clipping voltage VClipping, MIN. The device
outputs negative VCLIPout.
• Normal operation: VDD1, VDD2, and VIN are within the recommended operating conditions. The device
outputs a differential voltage that is proportional to the input voltage.
Table 7-1 lists the operating modes.
Table 7-1. Device Operational Modes
OPERATING
CONDITION
VDD1
VDD2
VIN
DEVICE
RESPONSE
Off
Don't care
VDD2 < VDD2UV
Don't care
OUTP and OUTN are in Hi-Z state. Internally,
OUTP and OUTN are clamped to VDD2 and
GND2 by ESD protection diodes.
Missing high-side
supply
VDD1 < VDD1UV
Valid(1)
Don't care
The device outputs the VFAILSAFE voltage.
Input overrange
Valid(1)
Valid(1)
VIN > VClipping, MAX
The device outputs positive VCLIPout.
Input underrange
Valid(1)
Valid(1)
VIN < VClipping, MIN
The device outputs negative VCLIPout.
Normal operation
Valid(1)
Valid(1)
Valid(1)
The device outputs a differential voltage that
is proportional to the input voltage.
(1)
Valid denotes operation within the recommended operating conditions.
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com