Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP235
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP235 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 13Page - Texas Instruments TMP235 Datasheet HTML 14Page - Texas Instruments TMP235 Datasheet HTML 15Page - Texas Instruments TMP235 Datasheet HTML 16Page - Texas Instruments TMP235 Datasheet HTML 17Page - Texas Instruments TMP235 Datasheet HTML 18Page - Texas Instruments TMP235 Datasheet HTML 19Page - Texas Instruments TMP235 Datasheet HTML 20Page - Texas Instruments TMP235 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Taking into account this temperature coefficient and the initial tolerance of the resistors, the output impedance
of the device does not exceed 4kΩ. In an extremely noisy environment adding filtering can be necessary to
minimize noise pickup. TI recommends adding a CBy-pass = 0.1µF capacitor between +VS and GND to bypass
the power supply noise voltage, as shown in Figure 8-3. Adding a capacitor (CLoad) from VO to ground can be
necessary. A 1µF output capacitor with the 4kΩ output impedance forms a 40Hz low-pass filter. Because the
thermal time constant of the LM50 and LM50HV is much slower than the 25ms time constant formed by the RC,
the overall response time of the device is not significantly affected. For much larger capacitors, this additional
time lag increases the overall response time of the LM50 and LM50HV.
TI device
OUT
Heavy Capacitive Load, Wiring, and more.
To A High-
Impedance Load
Figure 8-2. LM50 and LM50HV No Decoupling Required for Capacitive Load
TI device
VO
Heavy Capacitive Load, Wiring, Etc.
CLoad = 1µF
CBy-pass = 0.1µF
Figure 8-3. LM50 and LM50HV With Filter for Noisy Environment
To avoid glitch of start-up power supply (input) response especially when CBy-pass is not used (as shown in
Figure 6-20, Figure 8-4 and Figure 8-5) on LM50 (new chip) and LM50HV devices, a minimum CLoad must
be placed between VO and ground especially when LM50 (new chip) and LM50HV devices are utilized in the
comparator circuits.
Time (
s)
-20
20
60
100
140
180
220
-1
-1
0
0
1
1
2
2
3
3
4
4
5
5
6
6
VO →
VO →
VO →
 +VS
+VS = 3.3V
VO (at -40C)
VO (at 25C)
VO (at 150C)
Figure 8-4. Start-up response to +VS = 3.3V Step
(When tr = 1μs, No CLoad and CBy-pass)
Time (
s)
-20
20
60
100
140
180
220
-10
-1
0
0
10
1
20
2
30
3
40
4
50
5
60
6
VO →
VO →
VO →
 +VS
+VS = 36V
VO (at -40C)
VO (at 25C)
VO (at 150C)
Figure 8-5. Start-up Response to +VS = 36V Step
(When tr = 1μs, No CLoad and CBy-pass)
The minimum CLoad capacitor is varied over different operating temperature range and power supply ramp rate
as shown in the Table 8-2. Please noted that the rise time (tr) can be translated to ramp rate of power supply
(SR) by: SR (V/μs) = 0.8 × +VS (V) / tr (μs).
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com