Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP235
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP235 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 9Page - Texas Instruments TMP235 Datasheet HTML 10Page - Texas Instruments TMP235 Datasheet HTML 11Page - Texas Instruments TMP235 Datasheet HTML 12Page - Texas Instruments TMP235 Datasheet HTML 13Page - Texas Instruments TMP235 Datasheet HTML 14Page - Texas Instruments TMP235 Datasheet HTML 15Page - Texas Instruments TMP235 Datasheet HTML 16Page - Texas Instruments TMP235 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
6.8 Typical Characteristics (LM50HV) (continued)
At TA = 25°C and +VS = 5V (unless otherwise noted)
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
150
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
ILOAD = 0.5A
ILOAD = 1A
ILOAD = 2A
ILOAD = 5A
ILOAD = 10A
+VS = 5V
Figure 6-27. Load Regulation vs Ambient Temperature
Load Current, ILOAD (A)
0
1
2
3
4
5
6
7
8
9
10
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
+VS = 3.3V
+VS = 5V
+VS = 12V
+VS = 24V
+VS = 36V
TA = 25°C
Figure 6-28. Change in Output Voltage vs Load Current
Ambient Temperature, TA(C)
-50
-25
0
25
50
75
100
125
150
-0.1
0
0.1
0.2
0.3
0.4
Figure 6-29. Line Regulation vs Ambient Temperature
Time (
s)
-20
20
60
100
140
180
220
-1
-1
0
0
1
1
2
2
3
3
4
4
5
5
6
6
VO →
VO →
VO →
 +VS
+VS = 3.3V
VO (at -40C)
VO (at 25C)
VO (at 150C)
Figure 6-30. Start-up response to +VS = 3.3V Step (When tr =
1μs, No CLoad and CBy-pass)
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
T63%  1.7s
T86%  3.4s
2-layer 62-mil Rigid PCB 2oz. Copper
Figure 6-31. Thermal Response in Stirred Oil Bath (0.5 inches ×
0.5 inches PCB board)
Time (s)
-50
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
T86%  44s
T63%  15.6s
2-layer 62-mil Rigid PCB 2oz. Copper
Figure 6-32. Thermal Response in Still Air (0.5 inches × 0.5
inches PCB board)
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com