Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP235
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP235 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 17Page - Texas Instruments TMP235 Datasheet HTML 18Page - Texas Instruments TMP235 Datasheet HTML 19Page - Texas Instruments TMP235 Datasheet HTML 20Page - Texas Instruments TMP235 Datasheet HTML 21Page - Texas Instruments TMP235 Datasheet HTML 22Page - Texas Instruments TMP235 Datasheet HTML 23Page - Texas Instruments TMP235 Datasheet HTML 24Page - Texas Instruments TMP235 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TI Device
LM131
+
0.01µF
3
5
4
2
1
6
7
1µF
12k
5k
0.01µF
100k
GND
6V
6.8k
1k
4N28
8
fOUT
100k
47
FULL
SCALE
ADJ
Copyright © 2016, Texas Instruments Incorporated
–40°C to 125°C; 100Hz to 1750Hz
Figure 8-12. LM50 and LM50HV With Voltage-To-Frequency Converter and Isolated Output
8.4 Power Supply Recommendations
In an extremely noisy environment, adding some filtering to minimize noise pickup can be necessary. TI
recommends that a 0.1µF capacitor be added from +VS to GND to bypass the power supply voltage, as shown in
Figure 8-3.
8.5 Layout
8.5.1 Layout Guidelines
The LM50 and LM50HV can be applied easily in the same way as other integrated-circuit temperature sensors.
The device can be glued or cemented to a surface and the temperature is within about 0.2°C (for power supply
up to 10V) of the surface temperature.
This presumes that the ambient air temperature is approximately the same as the surface temperature; if the air
temperature are much higher or lower than the surface temperature, the actual temperature of the LM50 and
LM50HV dies are at an intermediate temperature between the surface temperature and the air temperature.
To provide good thermal conductivity, the backside of the LM50 and LM50HV dies are directly attached to the
GND pin. The lands and traces to the device is part of the printed-circuit board, which is the object whose
temperature is being measured. These printed-circuit board lands and traces do not cause the LM50 and
LM50HV temperature to deviate from the desired temperature.
Alternatively, the LM50 and LM50HV can be mounted inside a sealed-end metal tube, and can then be dipped
into a bath or screwed into a threaded hole in a tank. As with any device, the LM50 and LM50HV and
accompanying wiring and circuits must be kept insulated and dry, to avoid leakage and corrosion. This is
especially true if the circuit can operate at cold temperatures where condensation can occur. Printed-circuit
coatings and varnishes such as HUMISEAL® and epoxy paints or dips are often used to verify that moisture
cannot corrode the device or the connections.
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com