Electronic Components Datasheet Search
  English  ▼

X  

2SC3805 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3805
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3805 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3805 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3805
2002-07-23
3
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc = 25°C
0
0
120
20
IB = 0.2 mA
40
60
80
4
8
12
16
20
24
0.6
0.4
28
0
100
3
1
2
4
6
Collector current IC (mA)
hFE – IC
10
0.3
30
50
100
300
500
1
3
10
30
100
VCE = 20 V
5
10
5
Common emitter
Tc = 25°C
Collector current IC (mA)
hFE – IC
10
0.3
30
50
100
300
500
1
3
10
30
100
Tc = 100°C
25
5
Common emitter
VCE = 10 V
−25
Collector current IC (mA)
VCE (sat) – IC
0.1
0.3
0.3
0.5
1
3
5
1
3
10
30
100
0.05
Common emitter
Tc = 25°C
5
IC/IB = 10
2
Collector current IC (mA)
VCE (sat) – IC
0.1
0.3
0.3
0.5
1
0.05
3
1
3
10
30
100
0.03
Common emitter
IC/IB = 5
Tc = 100°C
25
−25
Collector current IC (mA)
VBE (sat) – IC
0.5
0.3
1
3
5
0.3
10
1
3
10
30
100
0.1
Common emitter
IC/IB = 5
Tc = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com