Electronic Components Datasheet Search
  English  ▼

X  

2SC3805 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3805
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3805 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3805 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3805
2002-07-23
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3805
TV Horizontal Deflection Output Applications
TV Chroma Output Applications
· High voltage: VCEO = 300 V
· Low output capacitance: Cob = 3.0 pF (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
7
V
DC
IC
100
Collector current
Pulse
ICP
200
mA
Base current
IB
50
mA
Collector power dissipation
(Tc = 25°C)
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
―
JEITA
―
TOSHIBA
2-7B2A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC3805

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3805 TOSHIBA-2SC3805 Datasheet
176Kb / 3P
NPN EPITAXIAL TYPE (TV HORIZONTAL DEFLECTION, TV CHROMA OUTPUT APPLICATIONS)
logo
Inchange Semiconductor ...
2SC3805 ISC-2SC3805 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC3805 ISC-2SC3805 Datasheet
275Kb / 2P
Silicon NPN Power Transistor
2SC3805-251 ISC-2SC3805-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC3805-252 ISC-2SC3805-252 Datasheet
275Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3805

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com