Electronic Components Datasheet Search
  English  ▼

X  

2SC3805 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC3805
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3805 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC3805 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3805 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3805
2002-07-23
4
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = 10 V
0
0
100
20
40
60
80
0.2
0.4
0.6
0.8
1.0
1.2
Tc = 100°C
25
−25
Collector current IC (mA)
fT – IC
Common emitter
Tc = 25°C
10
0.3
1
3
10
30
100
30
50
100
300
500
VCE = 20 V
5
10
Collector-base voltage VCB (V)
Cob – VCB
50
3
30
5
10
1
10
30
100
3
1
300
IE = 0
f = 1 MHz
Tc = 25°C
Ambient temperature Ta (°C)
PC – Ta
12
0
0
(1) Tc = Ta infinite heat sink
(2) No heat sink
20
40
60
80
120
140
160
2
4
6
8
10
(1)
(2)
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com