Electronic Components Datasheet Search
  English  ▼

X  

MP2607 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2607
Description  Li LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2607 Datasheet HTML 1Page - Monolithic Power Systems MP2607 Datasheet HTML 2Page - Monolithic Power Systems MP2607 Datasheet HTML 3Page - Monolithic Power Systems MP2607 Datasheet HTML 4Page - Monolithic Power Systems MP2607 Datasheet HTML 5Page - Monolithic Power Systems MP2607 Datasheet HTML 6Page - Monolithic Power Systems MP2607 Datasheet HTML 7Page - Monolithic Power Systems MP2607 Datasheet HTML 8Page - Monolithic Power Systems MP2607 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.03
www.MonolithicPower.com
3
5/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(5)
VIN = 5.5V, VBATT = 3.5V, VCEB = GND, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IN Input Voltage
VIN
4.51
12
V
IN Input Over Voltage
Threshold
VIN OV AC MODE = 5V
5.9
V
VIN OV US MODE = GND
6.27
IN Input Over Voltage
Hysteresis
AC mode, MODE = 5V
260
mV
USB mode, MODE=GND
310
Input Undervoltage
Threshold
VIN_UV
Input rising threshold
4.25
4.38
4.51
V
Input Undervoltage
Threshold Hysteresis
AC mode, MODE = 5V
520
mV
USB mode, MODE = GND
150
Input vs. Battery
Threshold
VIN_BAT
Input rising vs. battery
120
mV
Input vs. Battery
Threshold Hysteresis
70
mV
BATT Undervoltage
Threshold
VUV_BAT
BATT voltage rising
2.4
2.8
3.2
V
BATT Undervoltage
Threshold Hysteresis
200
mV
Power Path Management
AC Regulator Out Voltage
VACREG VIN = 5.5V, MODE = 5V
4.65
4.85
5.05
V
AC Regulator Current
Limit
IAC_MAX
VIN = 5V, MODE = 5V
1.4
2
2.6
A
USB input current limit
IUSB MAX MODE = GND, VIN = 5V, VBATT=4V
410
450
490
mA
Input selection threshold
VMODE
MODE > VMODE, AC adapter
1.5
V
MODE < VMODE, USB port
0.3
V
SYS Output Voltage
VSYS
VIN = 5.5V
MODE = 5V
ISYS+ICHG
<
adapter
current
limit,
ISYS=100mA
4.85
V
ISYS+ICHG
>
adapter
current
limit,
I
SY
S=400mA
4.2
VIN = 5V,
MODE=GND
ISYS+ICHG < USB port
current
limit,
I
SYS=100mA
4.93
ISYS > USB port current
limit, V
BATT=3.5V
3.4
VIN = 3.5V, VBATT=3.2V (VBATT Rising
edge)
3.2
IN to SYS Switch On
Resistance
RON_SYS
I
SYS(400mA)+ICHG >I_Adapter, MODE =
5V
300
450
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com