Electronic Components Datasheet Search
  English  ▼

X  

MP2607 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2607
Description  Li LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2607 Datasheet HTML 5Page - Monolithic Power Systems MP2607 Datasheet HTML 6Page - Monolithic Power Systems MP2607 Datasheet HTML 7Page - Monolithic Power Systems MP2607 Datasheet HTML 8Page - Monolithic Power Systems MP2607 Datasheet HTML 9Page - Monolithic Power Systems MP2607 Datasheet HTML 10Page - Monolithic Power Systems MP2607 Datasheet HTML 11Page - Monolithic Power Systems MP2607 Datasheet HTML 12Page - Monolithic Power Systems MP2607 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.03
www.MonolithicPower.com
9
5/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
VIN=5.5V, CIN=4.7µF, CSYS=10µF, CBAT=4.7µF, TA=25°C, unless otherwise noted.
Input OVP Recovery
VIN from 6V to 5V, MODE=1,
RCHG=3.6k, W/ Battery
Input OVP
VIN from 5V to 6V, MODE=1,
RCHG=3.6k, W/ Battery
Input Selection
RCHG=3.6k, W/ Battery
Enable Control Off
MODE=0, RCHG=3.6k, W/ Battery
Enable Control Off
MODE=1, RCHG=3.6k, W/ Battery
Enable Control Off
MODE=1, W/O Battery
VIN
2V/div
VSYS
1V/div
IBAT
0.2A/div
IBAT
0.2A/div
VBAT
1V/div
VIN
5V/div
VSYS
1V/div
IBAT
0.2A/div
VMODE
0.2V/div
VIN
1V/div
VSYS
1V/div
VMODE=0.65V
IBAT
0.2A/div
VBAT
2V/div
VSYS
2V/div
VCEB
2V/div
VBAT
2V/div
IBAT
1A/div
VSYS
2V/div
VCEB
2V/div
VBAT
2V/div
ISYS
1A/div
VSYS
2V/div
VCEB
2V/div
VBAT
2V/div
200ms/div
40ms/div
40ms/div
10ms/div
10ms/div
10ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com