Electronic Components Datasheet Search
  English  ▼

X  

MP2607 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2607
Description  Li LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2607 Datasheet HTML 1Page - Monolithic Power Systems MP2607 Datasheet HTML 2Page - Monolithic Power Systems MP2607 Datasheet HTML 3Page - Monolithic Power Systems MP2607 Datasheet HTML 4Page - Monolithic Power Systems MP2607 Datasheet HTML 5Page - Monolithic Power Systems MP2607 Datasheet HTML 6Page - Monolithic Power Systems MP2607 Datasheet HTML 7Page - Monolithic Power Systems MP2607 Datasheet HTML 8Page - Monolithic Power Systems MP2607 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.03
www.MonolithicPower.com
5
5/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(5) (continued)
VIN = 5.5V, VBATT = 3.5V, VCEB = GND, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Charging current Thermal
Fold-back Threshold
105
120
135
°C
Constant Current Variation
for Charging
ΔICHG
VSYS = 5V, VBATT = 3.5V
1.5kΩ < RCHG < 7.6kΩ
-12
12
%
I
CHG
7.6kΩ < RCHG < 22kΩ
-30
30
Trickle Charge Current
(7)
ITRKL
VBATT = 2.0V, RCHG = 2.263kΩ
5
8.5
12
%
I
CHG
End of Charge (EOC)
current threshold
(8)
IEOC
RCHG = 2.263kΩ (1A ICHG)
7
10
13
%
I
CHG
RCHG = 22.6kΩ (100mA Ichg)
9
15
25
mA
Voltage at ICHSET pin
V
ICHSET
1.5kΩ < R
CHG < 4.5kΩ
RCHG*IC
HG/201
6
RCHG*IC
HG/180
0
RCHG*IC
HG/158
4
V
Trickle Threshold Voltage
VTH TRKL VBATT Rising
2.7
2.8
2.9
V
Trickle Voltage Hysteresis
190
mV
Auto Re-charge Fall
Threshold
VRECHG
V
BATT Falling
3.95
4.05
4.15
V
CEB Threshold
Logic Low
0.3
V
CEB Threshold
Logic High
2
V
CEB pin Pull-up Resistor
1
MΩ
STAT1, STAT2 Sink
Current
Pin Voltage = 0.3V
8
mA
Battery Reverse Current to
IN pin
IN pin grounded, V
BATT = 4.3V
1
µA
Timer for Charging
τTMR_F
CTMR=1µF, RCHG=2.263kΩ (1A ICHG)
1.1
Hour
CTMR=1µF, RCHG=22.6kΩ (100mA
ICHG)
8.4
Hour
Timer Count
CTMR F
2
17
CTMR T
2
15
Timer Accuracy
R
CHG=2.263kΩ (1A ICHG)
-20
20
%
R
CHG=22.6kΩ (100mA ICHG)
-40
40
%
NTC pin Output Current
INTC
CEB = GND
-100
0
100
nA
Temperature Fault
Threshold Voltage
VTH LT
Ambient Temp = 0°C
58
60
62
%VIN
VTH HT Ambient Temp = 50°C
28
30
32
%VIN
Notes:
5) Min. VIN is determined by internal UVLO and relative to BATT voltage
6) High Charge current make MP2607 get into thermal fold-back and charge current will drop down.
7) ICHG is the target preprogrammed charge current (Die temperature below 110°C), i.e. typical value of ICHG.
8) IEOC is the target preprogrammed battery full current threshold, i.e. typical value of IEOC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com