Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADAQ4216BBCZ Datasheet HTML 1Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Data Sheet
ADAQ4216
GENERAL DESCRIPTION
analog.com
Rev. B | 4 of 65
The ADAQ4216 is a µModule® precision data-acquisition (DAQ)
signal chain solution that reduces the development cycle of a preci-
sion measurement system by transferring the signal-chain design
challenge of component selection, optimization, and layout from
the designer to the device. With a guaranteed maximum ±3ppm
INL and no missing codes at 16 bits, the ADAQ4216 achieves
unparalleled precision from −40°C to +105°C.
Using system-in-package (SIP) technology, the ADAQ4216 com-
bines the common signal processing blocks required in a data-ac-
quisition solution in a small footprint, 14mm × 9mm, 0.8mm pitch,
178-ball CSP_BGA package.
The ADAQ4216 integrates the following:
►
A low-noise, high-bandwidth programmable gain instrumentation
amplifier (PGIA).
►
A second-order anti-aliasing filter.
►
A low-noise, low-distortion, high-bandwidth analog‐to‐digital con-
verter (ADC) driver.
►
A high precision 16-bit, 2MSPS successive approximation regis-
ter (SAR) ADC.
►
A 1.8V low dropout (LDO) regulator.
►
Performance critical passives.
The ADAQ4216 incorporates the critical passive components with
superior matching and drift characteristics using Analog Devices,
Inc., iPassives® technology to minimize temperature-dependent
error sources and to offer optimized performance. Integrating the
critical power supply and reference bypass capacitors reduce sen-
sitivity to the system level board layout. Reducing the solution
footprint enables addition of more functions within the system
and hence the smaller form factor instruments without sacrificing
performance.
The system integration solves many design challenges while the
µModule still provides the flexibility of a configurable PGIA, which
allows gain or attenuation and supporting the acquisition of differ-
ential or single-ended input signal. The fast settling of the PGIA
and ADC driver stage and no latency of the SAR ADC provide
a unique solution for high channel count, multiplexed signal chain
architectures, and control loop applications.
The digital features include Flexi-SPI serial-peripheral interface
(SPI), which allow data access by multiple SPI modes as well
as offset correction, gain adjustment, and averaging. The digital
features reduces the burden on the host processor. A wide-data
clocking window, multiple SDO lanes, and optional DDR data clock-
ing reduce the serial clock frequency while operating at full speed
of 2MSPS and make it easier to isolate the DAQ solution, which
reduces power dissipation and EMI. The echo clock mode and host
clock mode of the ADAQ4216 relax the timing requirements and
simplify the use of digital isolators.
The Flexi-SPI serial-user interface is compatible with 1.2V to 1.8V
using a separate VIO supply. The ADAQ4216 operation is specified
from −40°C to +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com