Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 11Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 12Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 13Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 14Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 15Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Data Sheet
ADAQ4216
SPECIFICATIONS
analog.com
Rev. B | 12 of 65
Table 6. Echo-Clock Mode Timing, DDR, 1-Lane
Parameter
Symbol
Min
Typ
Max
Unit
SCK Period
tSCK
12.3
ns
SCK Low Time, SCK High Time
tSCKL, tSCKH
5.2
ns
SCK Edge to Data/SCKOUT Remains Valid
tHSDO
1.1
ns
SCK Edge to Data/SCKOUT Valid Delay
tDSDO
VIO > 1.71V
6.2
ns
VIO > 1.14V
8.7
ns
CS Falling Edge to First SCK Rising Edge
tCSSCK
12.3
ns
Skew Between Data and SCKOUT
tSKEW
−0.4
0
+0.4
ns
Last SCK Edge to CS Rising Edge
tSCKCS
9
ns
CS Rising Edge to SDO High Impedance
tCSDIS
9
ns
Figure 8. Echo-Clock Mode Timing, DDR, 1-Lane
Table 7. Host-Clock Mode Timing
Parameter
Symbol
Min
Typ
Max
Unit
SCK Period
tSCKOUT
OSC_DIV = No Divide
11.8
12.5
13.3
ns
OSC_DIV = Divide by 2
23.6
25
26.6
ns
OSC_DIV = Divide by 4
47.4
50
53.2
ns
SCK Low Time
tSCKOUTL
0.45 × tSCKOUT
0.55 × tSCKOUT
ns
SCK High Time
tSCKOUTH
0.45 × tSCKOUT
0.55 × tSCKOUT
ns
CS Falling Edge to First SCKOUT Rising Edge
tDSCKOUT
VIO > 1.71V
10
13.6
19
ns
VIO > 1.14V
10
15
21
ns
Skew Between Data and SCKOUT
tSKEW
−0.4
0
+0.4
ns
Last SCKOUT Edge to CS Rising Edge
tSCKOUTCS
5.2
ns
CS Rising Edge to SDO High Impedance
tCSDIS
9
ns
Figure 9. Host-Clock Mode Timing, SDR, 1-Lane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com