| Electronic Components Datasheet Search |
|
ADAQ4216BBCZ Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAQ4216BBCZ Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 65 page ![]() Data Sheet ADAQ4216 TABLE OF CONTENTS analog.com Rev. B | 2 of 65 Features................................................................ 1 Applications........................................................... 1 Functional Block Diagram......................................1 General Description...............................................4 Specifications........................................................ 5 Timing Specifications......................................... 8 Absolute Maximum Ratings.................................14 Thermal Resistance......................................... 14 Electrostatic Discharge (ESD) Ratings.............14 ESD Caution.....................................................14 Pin Configurations and Function Descriptions.....15 Typical Performance Characteristics................... 17 Terminology......................................................... 30 Theory of Operation.............................................32 Overview.......................................................... 32 Transfer Function............................................. 32 Signal Chain Operation.................................... 33 Digital Sample Processing Features................ 33 Applications Information...................................... 35 Typical Application Diagram............................. 35 Reference Circuitry Design ............................. 40 ADC Reset....................................................... 41 Power Supplies................................................ 41 Serial Interface.................................................... 43 SPI Signals.......................................................43 Sample Conversion Timing and Data Transfer.......................................................... 45 Clocking Modes ...............................................46 Data Clocking Requirements and Timing.........49 Layout Guidelines................................................54 Registers............................................................. 55 Register Details................................................... 56 Interface Configuration A Register................... 56 Interface Configuration B Register................... 56 Device Configuration Register..........................57 Chip Type Register...........................................57 Product ID Low Register.................................. 57 Product ID High Register..................................57 Chip Grade Register.........................................58 Scratch Pad Register....................................... 58 SPI Revision Register...................................... 58 Vendor ID Low Register................................... 59 Vendor ID High Register...................................59 Stream Mode Register..................................... 59 Interface Status A Register.............................. 59 EXIT Configuration Mode Register...................60 Averaging Mode Register.................................60 Offset Registers................................................60 Gain Registers..................................................61 Modes Register................................................ 61 Internal Oscillator Register............................... 62 Output Driver Register......................................62 Test Pattern Registers...................................... 63 Digital Diagnostics Register............................. 64 Digital Errors Register...................................... 64 Outline Dimensions............................................. 65 Ordering Guide.................................................65 Evaluation Boards............................................ 65 REVISION HISTORY 7/2025—Rev. A to Rev. B Changes to Transition Noise Parameter and Noise Spectral Density (NSD) Parameter; Table 1................... 5 Changes to Figure 11.....................................................................................................................................15 Changes to Figure 19 and Figure 22............................................................................................................. 18 Changes to Figure 24 through Figure 29....................................................................................................... 19 Added Figure 84 and Figure 85; Renumbered Sequentially..........................................................................29 Added Least Significant Bit (LSB) Section.....................................................................................................30 Added Transition Noise Section.....................................................................................................................30 Change to Transient Response Section........................................................................................................ 30 Changes to Common-Mode Rejection Ratio (CMRR) Section...................................................................... 30 Change to Power-Supply Rejection Ratio (PSRR) Section........................................................................... 30 Changes to Figure 91.................................................................................................................................... 35 5/2025—Rev. 0 to Rev. A Change to Features Section............................................................................................................................ 1 Changes to Input Bias Current Parameter and Input Offset Current Parameter, Table 1................................ 5 Changes to Figure 61 and Figure 64............................................................................................................. 25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |