Electronic Components Datasheet Search
  English  ▼

X  

MAX810 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # MAX810
Description  3-PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MAX810 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  MAX810 Datasheet HTML 1Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 2Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 3Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 4Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 5Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 6Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
MAX809, MAX810
3-Pin Microprocessor
Reset Monitors
The MAX809 and MAX810 are cost–effective system supervisor
circuits designed to monitor VCC in digital systems and provide a reset
signal to the host processor when necessary. No external components
are required.
The reset output is driven active within 20
µsec of V
CC falling
through the reset voltage threshold. Reset is maintained active for a
minimum of 140msec after VCC rises above the reset threshold. The
MAX810 has an active–high RESET output while the MAX809 has
an active–low RESET output.
The output of the MAX809 is
guaranteed valid down to VCC = 1V. Both devices are available in a
SOT–23 package.
The MAX809/810 are optimized to reject fast transient glitches on
the VCC line. Low supply current of 17
µA (V
CC = 3.3V) makes these
devices suitable for battery powered applications.
Features
• Precision V
CC Monitor for 3.0V, 3.3V, and 5.0V Supplies
• 140msec Guaranteed Minimum RESET, RESET
Output Duration
• RESET Output Guaranteed to V
CC = 1.0V (MAX809)
• Low 17µA Supply Current
• V
CC Transient Immunity
• Small SOT–23 Package
• No External Components
• Wide Operating Temperature: –40°C to 85°C
Typical Applications
• Computers
• Embedded Systems
• Battery Powered Equipment
• Critical µP Power Supply Monitoring
VCC
VCC
VCC
PROCESSOR
RESET
RESET
INPUT
MAX809
GND
GND
TYPICAL APPLICATION DIAGRAM
SOT–23
(TO–236)
CASE 318
Device
Package
Shipping
ORDERING INFORMATION
MAX809xTR
SOT–23
3000 Tape/Reel
MAX810xTR
SOT–23
3000 Tape/Reel
PIN CONFIGURATION
(Top View)
3
1
2
VCC
GND
RESET
(RESET)**
SOT–23*
NOTE: *SOT–23 is equivalent to JEDEC (TO–236)
** RESET is for MAX809
** RESET is for MAX810
L
4.63
M
4.38
J*
4.00
T
3.08
S
2.93
R
2.63
Suffix
Reset VCC Threshold (V)
NOTE: The ”x” denotes a suffix for VCC threshold –
see table below
NOTE: *J version is available for MAX809 only


Similar Part No. - MAX810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX810 ONSEMI-MAX810 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
MAX810 ONSEMI-MAX810 Datasheet
84Kb / 11P
Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
logo
NXP Semiconductors
MAX810 PHILIPS-MAX810 Datasheet
92Kb / 12P
3-pin microprocessor resets
2003 Aug 08
logo
ON Semiconductor
MAX810 ONSEMI-MAX810 Datasheet
177Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX810 ONSEMI-MAX810 Datasheet
105Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
More results

Similar Description - MAX810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
Microprocessor Reset Monitors
01-Nov-02
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
ON Semiconductor
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com