Electronic Components Datasheet Search
  English  ▼

X  

MAX810 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # MAX810
Description  3-PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MAX810 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  MAX810 Datasheet HTML 1Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 2Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 3Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 4Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 5Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 6Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX809, MAX810
2
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
Supply Voltage (VCC to GND)
6.0
V
RESET, RESET
–0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current, RESET, RESET
20
mA
dV/dt (VCC)
100
V/
µsec
PD
Power Dissipation (TA ≤ 70°C)
SOT–23 (derate 4mW/
°C above +70°C)
230
mW
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
Tsol
Lead Temperature (Soldering, 10 Seconds)
+260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
MAX809, MAX810



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com