Electronic Components Datasheet Search
  English  ▼

X  

MAX810 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # MAX810
Description  3-PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MAX810 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  MAX810 Datasheet HTML 1Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 2Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 3Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 4Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 5Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 6Page - Estek Electronics Co. Ltd MAX810 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAX809, MAX810
3
ELECTRICAL CHARACTERISTICS (VCC = Full Range, TA = –40°C to +85°C unless otherwise noted. typical values are at TA
= +25C, VCC = 5V for L/M/J, 3.3V for T/S, 3.0V for R) (Note NO TAG)
Symbol
Characteristic
Min
Typ
Max
Unit
VCC Range
TA = 0°C to +70°C
TA = –40°C to +85°C
1.0
1.2
—
—
5.5
5.5
V
ICC
Supply Current
MAX8xxL/M/J: VCC < 5.5V
MAX8xxR/S/T: VCC < 3.6V
—
—
24
17
60
50
µA
VTH
Reset Threshold (Note NO TAG)
MAX8xxL: TA = 25°C
TA = –40°C to +85°C
MAX8xxM: TA = 25°C
TA = –40°C to +85°C
MAX809J: TA = 25°C
TA = –40°C to +85°C
MAX8xxT: TA = 25°C
TA = –40°C to +85°C
MAX8xxS: TA = 25°C
TA = –40°C to +85°C
MAX8xxR: TA = 25°C
TA = –40°C to +85°C
4.56
4.50
4.31
4.25
3.93
3.89
3.04
3.00
2.89
2.85
2.59
2.55
4.63
—
4.38
—
4.00
—
3.08
—
2.93
—
2.63
—
4.70
4.75
4.45
4.50
4.06
4.10
3.11
3.15
2.96
3.00
2.66
2.70
V
Reset Threshold Temperature Coefficient
—
30
—
ppm/
°C
VCC to Reset Delay VCC = VTH to (VTH – 100mV)
—
20
—
µsec
Reset Active Timeout Period
140
240
560
msec
VOL
RESET Output Voltage Low (MAX809)
MAX809R/S/T: VCC = VTH min, ISINK = 1.2mA
MAX809L/M/J: VCC = VTH min, ISINK = 3.2mA
VCC > 1.0V, ISINK = 50µA
—
—
—
—
—
—
0.3
0.4
0.3
V
VOH
RESET Output Voltage High (MAX809)
MAX809R/S/T: VCC > VTH max, ISOURCE = 500µA
MAX809L/M/J: VCC > VTH max, ISOURCE = 800µA
0.8 VCC
VCC – 1.5
—
—
—
—
V
VOL
RESET Output Voltage Low (MAX810)
MAX810R/S/T: VCC = VTH max, ISINK = 1.2mA
MAX810L/M/J: VCC = VTH max, ISINK = 3.2mA
—
—
—
—
0.3
0.4
V
VOH
RESET Output Voltage High (MAX810)
1.8 < VCC < VTH min, ISOURCE = 150µA
0.8 VCC
—
—
V
1. Production testing done at TA = 25°C, over temperature limits guaranteed by design.
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground
2
RESET (MAX809)
RESET output remains low while VCC is below the reset voltage threshold, and for 240msec (typ.)
after VCC rises above reset threshold
2
RESET (MAX810)
RESET output remains high while VCC is below the reset voltage threshold, and for 240msec (typ.)
after VCC rises above reset threshold
3
VCC
Supply Voltage (typ.)
MAX809, MAX810



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com