Electronic Components Datasheet Search
  English  ▼

X  

RM3272D Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272D
Description  High efficiency and high precision, PSR charger driver chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272D Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
高效率高精度,PSR 充电器驱动芯片
RM3272D 规格书
RM3272D_Rev.1.0
www.reactor-micro.com
- 1-
陕西亚成微电子股份有限公司
产品概述:
RM3272D 是一款高性能离线式
PFM 电源管理 IC,可用在小功率交流
转直流充电器和适配器中,其采用原
边反激拓扑应用电路,省掉了光耦和
TL431。内部集成高精度恒压控制器,
可实现
%
5
的精度。
在恒压工作模式下,
INV 脚通过采
样辅助绕组电压来稳定输出电压;在
恒流工作模式下,输出电流和输出功
率都是通过
CS 脚外接的 RS 电阻来调
节。
值得注意的是,
RM3272D 通过内
置的线补功能实现高负载调整率。恒
压轻载时,通过
PWM 方式调节导通
占空比稳定输出。
RM3272D 集成多种保护功能:软
启动、逐周期电流限制、
VDD 过压保
护、
VDD 过压箝位和欠压锁定等功能;
另外内置抖频技术可提高抗
EMI 能
力。
RM3272D 采用无铅(PB FREE)
封装。
功能特性:
 全电压输入范围内±5%输出恒压/
恒流精度
 原边检测,无需光耦和 TL431
 内置自适应峰值电流调节控制
 内置初级绕组电感补偿
 可编程线压降补偿
 开机软启动技术
 内置前沿消隐技术
 逐周期电流限制技术
 VDD 过压保护/欠压锁定/过压箝
位功能
应用领域
:
 便携式手机充电器
 数码相机充电器
 小功率适配器
 台式机
/电视机辅助电源等


Similar Part No. - RM3272D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3272D REACTOR-RM3272D Datasheet
269Kb / 3P
12V1A low power adapter application
RM3272D REACTOR-RM3272D Datasheet
728Kb / 3P
5V2A low power adapter application
RM3272D REACTOR-RM3272D_1 Datasheet
728Kb / 3P
5V2A low power adapter application
More results

Similar Description - RM3272D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com