Electronic Components Datasheet Search
  English  ▼

X  

CPT Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # CPT
Description  Board-to-wire
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

CPT Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  CPT Datasheet HTML 1Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 2Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 3Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 4Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 5Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 6Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 7Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5.5
5.5
6
2
Housing
Retainer
2X3=6
2
Housing
Retainer
10
2×3=6
2
Housing
Retainer
10
2X7=14
2
18
Housing
Retainer
2
CPTCONNECTOR
Female terminal
Female connector
15,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SCPT-A021GF-0.5
1.4
Conductor
(mm2)
0.3
Brass, nickel-undercoated, Contact area; gold-plated
Barrel area; tin-plated
Material and Finish
¡4 circuits
¡8 circuits
04CPT-B1-2A
04CPT-B1-2B
Single row
¡2 circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com