Electronic Components Datasheet Search
  English  ▼

X  

CPT Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # CPT
Description  Board-to-wire
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

CPT Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  CPT Datasheet HTML 1Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 2Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 3Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 4Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 5Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 6Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 7Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CPTCONNECTOR
Board-to-wire
Board-to-wire
Developed in pursuit of miniaturization and low profile
as PC board connector for automobile.
This connector is surface mounting type connector
having the spring structure on male terminal disproving
the conventional concept.
GCompact design
2.0 mm pitch is realized miniaturization and low profile as the
connector for automobile.
GTerminal construction
Female terminal is designed for simple box structure by having
spring structure on male terminal.
¡Current rating: 3 A AC, DC (0.3 mm2, Single circuit)
¡Voltage rating: 50 V AC, DC
¡Temperature range: -40°C to +100°C
(including temperature rise in applying
electrical current)
¡Contact resistance: Initial value/ 8 m
Ω max.
After environmental tests/ 16 m
Ω max.
¡Insulation resistance: 100 M
Ω min.
¡Withstanding voltage: 1,000 VAC/minute
¡Applicable wire: AESSX-f/ AVSS
0.3 mm2
Features
∗ Compliant with ELV/RoHS.
∗ Contact JST for details.
Specifications


Similar Part No. - CPT

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
Chip Photo-transistor
logo
Molex Electronics Ltd.
CPT-00053 MOLEX11-CPT-00053 Datasheet
195Kb / 1P
PowerCat C6A Consolidation Point/ MUTO Enclosure
logo
CUI INC
CPT-1117-83-SMT-TR CUI-CPT-1117-83-SMT-TR Datasheet
431Kb / 5P
PIEZO BUZZER TRANSDUCER
03/15/2021
logo
CUI Devices
CPT-1117-83-SMT-TR CUID-CPT-1117-83-SMT-TR Datasheet
403Kb / 5P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPT-1203-78-SMT-TR CUI-CPT-1203-78-SMT-TR Datasheet
379Kb / 5P
PIEZO BUZZER TRANSDUCER
More results

Similar Description - CPT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87942-7001 MOLEX-87942-7001 Datasheet
168Kb / 2P
Wire-to-Board Connector
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
JST Mfg. Co., Ltd.
TCUD JST-TCUD Datasheet
340Kb / 3P
Board-to-wire
ATLC JST-ATLC Datasheet
125Kb / 2P
Board to wire
logo
List of Unclassifed Man...
4071-XXTXB ETC-4071-XXTXB Datasheet
167Kb / 1P
2.54mm Wire to Board
Ver.No. B3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com