Electronic Components Datasheet Search
  English  ▼

X  

CPT Datasheet(PDF) 8 Page - JST Mfg. Co., Ltd.

Part # CPT
Description  Board-to-wire
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

CPT Datasheet(HTML) 8 Page - JST Mfg. Co., Ltd.

  CPT Datasheet HTML 1Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 2Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 3Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 4Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 5Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 6Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 7Page - JST Mfg. Co., Ltd. CPT Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
CPT CONNECTOR
19.6
15
6.8
8.2
2
±0.05
1
±0.05
10.9
±0.1
1.85
4.35
±0.05
Circuit No.1
Circuit No.2
1
±0.05
6
±0.1
2
±0.05
4.75
±0.05
1.6
±0.05
4.95
±0.05
15.7
±0.1
Circuit No.1
Circuit No.8
13.5
9.2
19.6
15
20.6
16
19.6
15
3.85
±0.05
B
±0.1
6.4
±0.05
1
±0.05
0.75
±0.03
A
±0.05
ac
1 b
Circuit No.
1
a
b
c
Circuit No.1
Circuit No.a
Circuit No.b
Circuit No.c
20.6
16
Circuit No.1
Circuit No.a
1
a
3.85
±0.05
B
±0.1
7.4
±0.05
0.75
±0.03
A
±0.05
2
±0.05
Circuit No. a1
20.6
16
20.6
16
PC board layout, Assembly layout
Note: 1. Tolerances are non-cumulative: ±0.05 mm for all centers.
2. The dimensions above should serve as guideline. Contact JST for details.
Note: When crimping operation is conducted using an applicator and die set other than the above, JST cannot guarantee the performance of the terminal.
Crimping machine, Applicator
Crimp applicator MKS-L
Strip terminal
SCPT-A021GF-0.5
Dies
Crimp applicator with dies
APLMK SCPT-A021-05
MK/SCPT-A021-05
Crimping
machine
AP-K2N
Top entry type
¡2 circuits
Side entry type
¡2, 4, 8 (Single) circuits
¡8 (Double), 12, 16, 20, 24 circuits
¡12 circuits
¡4 circuits
¡20, 24 circuits
¡8 circuits
8 (Double)
12
16
20
24
7
11
15
19
23
A
Circuits
19.8
23.8
27.8
31.8
35.8
B
2
4
8 (Single)
2
6
14
A
Circuits
15.8
19.8
27.8
B
¡2 circuits
¡8 (Double) circuits
¡16 circuits
¡8 (Single) circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com