Electronic Components Datasheet Search
  English  ▼

X  

TMF0064DRPR Datasheet(PDF) 5 Page - Texas Instruments

Part # TMF0064DRPR
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064DRPR Datasheet(HTML) 5 Page - Texas Instruments

  TMF0064DRPR Datasheet HTML 1Page - Texas Instruments TMF0064DRPR Datasheet HTML 2Page - Texas Instruments TMF0064DRPR Datasheet HTML 3Page - Texas Instruments TMF0064DRPR Datasheet HTML 4Page - Texas Instruments TMF0064DRPR Datasheet HTML 5Page - Texas Instruments TMF0064DRPR Datasheet HTML 6Page - Texas Instruments TMF0064DRPR Datasheet HTML 7Page - Texas Instruments TMF0064DRPR Datasheet HTML 8Page - Texas Instruments TMF0064DRPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5.5 Electrical Characteristics
Minimum and Maximum specifications apply from TA of -10°C to 85°C. Typical specifications are at 25°C and VPUP = 3.3V
and 5V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I/O PIN: GENERAL DATA
VPUP
Pull-up Voltage
±5% variation
3.13
3.3
3.46
V
4.75
5
5.25
V
RPUP
Pull-up Resistance
(1) (2) (3)
500
Ω
CCABLE
Cable Capacitance
(4) (5)
1.7
nF
CIO
Input Capacitance
(6) (4)
2000
pF
IL
Input Load Current
(7)
7
14
µA
VIL
Input Low Voltage
(8)
0.5
V
VOL
Output Low Voltage
Measured with RPUP = 500Ω,
VPUP = 3.3V
0.4
0.5
V
Measured with RPUP = 500Ω,
VPUP = 5V
0.4
0.5
V
VTL
High-to-Low Switching threshold(4) (3)
(9)
VPUP = 3.3V
0.84
1.72
V
VPUP = 5V
2
3
V
VTH
Low-to-High Switching Threshold(4)
(3) (10)
VPUP = 3.3V
1.64
2.75
V
VPUP = 5V
3.2
4.3
V
VHY
Switching Hysteresis(4) (3) (11)
VPUP = 3.3V
0.44
1.1
V
VPUP = 5V
0.9
1.3
V
(1)
Maximum allowable pull-up resistance is dependent on the number of devices connected and the recovery time. The specified value is
assuming six devices are connected in the system and minimum recovery time.
(2)
Resistance tolerance to be within 1% or less.
(3)
VTL, VTH, and VHY are a function of the internal supply voltage, which is a function of VPUP, RPUP, single-wire timing, and capacitive
loading on SDQ pin. Lower VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values of VTL, VTH, and
VHY.
(4)
Specified by design, characterization or simulation only. Not production tested.
(5)
System requirement.
(6)
Maximum Capacitance value represents the internal parasitic capacitance when VPUP is first applied. Once the parasitic charge
storage capacitance is charged, normal logic transitions are not affected.
(7)
Applicable when SDQ is HIGH (at VPUP) and the device is in idle mode (no digital activity or memory access). The numbers indicates
the stand-by current consumption.
(8)
The voltage on SDQ needs to be less or equal to VILMAX at all times the host is driving SDQ to a logic 0 level.
(9)
Voltage below which, during a falling edge on SDQ, logic 0 is detected.
(10) Voltage above which, during a rising edge on SDQ, logic 1 is detected.
(11) After VTH is crossed during a rising edge on SDQ pin, the voltage on SDQ must drop by at least VHY to be detected as logic 0.
www.ti.com
TMF0064
SLVSJQ6 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com