Electronic Components Datasheet Search
  English  ▼

X  

TMF0064DRPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TMF0064DRPR
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064DRPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMF0064DRPR Datasheet HTML 5Page - Texas Instruments TMF0064DRPR Datasheet HTML 6Page - Texas Instruments TMF0064DRPR Datasheet HTML 7Page - Texas Instruments TMF0064DRPR Datasheet HTML 8Page - Texas Instruments TMF0064DRPR Datasheet HTML 9Page - Texas Instruments TMF0064DRPR Datasheet HTML 10Page - Texas Instruments TMF0064DRPR Datasheet HTML 11Page - Texas Instruments TMF0064DRPR Datasheet HTML 12Page - Texas Instruments TMF0064DRPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Table 6-1. FRAM Data Memory Map (continued)
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
1F00h to 1F9Fh
R/(W)
Data Memory Pages 248 to 252 (Block 31)
(Protection controlled by address 1FBFh)
(1)
R = Read, W = Write
6.3.2 FRAM Status Memory
As shown in Table 6-1, the data memory of the TMF0064 consists of 32 contiguous blocks of FRAM memory.
Blocks 0 to 30 are 256 bytes each, formed by eight adjacent memory pages. Block 31 is 160 bytes, formed by
five adjacent memory pages (a data memory page is 32 adjacent memory bytes).
In addition to the data memory, the TMF0064 consists of the status memory starting at address 1FA0h as shown
in Table 6-2. The register page in the status memory consists of 32 protection control bytes and one byte each to
lock the memory block and the register page.
The 32 protection control bytes and the memory block lock byte together control the access to the 32 data
memory blocks. By default, the memory blocks are set to open access. A protection byte value of 55h sets
the corresponding memory block to write protection mode, whereas a protection byte value of AAh sets the
corresponding memory block to EPROM mode.
If the memory block lock byte is programmed to either 55h or AAh, copy protection is set for all write-protected
data memory blocks (memory blocks in EPROM mode are not affected). Similarly, if the register page lock byte
is programmed to either 55h or AAh, copy protection is set for the entire register page.
In FRAM devices, digital information is stored as polarization in a dielectric. Polarization can be lost at a
temperature-dependent rate; the higher the temperature the higher the de-polarization rate. This rule determines
the data retention in the Electrical Characteristics table.
Setting a memory location into write protection mode allows the copy-scratch pad operation, but prevents data
from being changed. This allows memory to be reprogrammed with the same data, refreshing the polarization for
data retention longevity.
As compared to write protection, copy protection blocks the copy-scratchpad function. Only use the copy-protect
feature after setting all write-protected blocks and associated protection control bytes to the final values. Note
that copy protection does not prevent copying data across devices. When set to 55h or AAh, the protection
control registers and the lock bytes self-write-protect. Any other setting allows unrestricted write access.
Addresses 1FC3h and 1FC4h are available for programming an optional manufacturer ID. These values are
read by the host, for example, to associate an end-user product with a TMF0064. At address 1FC2h, the
TMF0064 stores a byte for locking the manufacturer ID, with a default value of 00h. After writing AAh or 55h to
this location, the manufacturer ID and lock byte are permanently write protected.
Table 6-2. FRAM Status Memory Map
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
1FA0h
R/(W)
Protection Control Byte (Block 0)
55h: Write Protect Block 0
AAh: EPROM Mode Block 0
55h or AAh: Write Protect 1FA0h
1FA1h
R/(W)
Protection Control Byte (Block 1)
55h: Write Protect Block 1
AAh: EPROM Mode Block 1
55h or AAh: Write Protect 1FA1h
1FA2h
R/(W)
Protection Control Byte (Block 2)
55h: Write Protect Block 2
AAh: EPROM Mode Block 2
55h or AAh: Write Protect 1FA2h
1FA3h
R/(W)
Protection Control Byte (Block 3)
55h: Write Protect Block 3
AAh: EPROM Mode Block 3
55h or AAh: Write Protect 1FA3h
www.ti.com
TMF0064
SLVSJQ6 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com