Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 20Page - Texas Instruments TMP1075 Datasheet HTML 21Page - Texas Instruments TMP1075 Datasheet HTML 22Page - Texas Instruments TMP1075 Datasheet HTML 23Page - Texas Instruments TMP1075 Datasheet HTML 24Page - Texas Instruments TMP1075 Datasheet HTML 25Page - Texas Instruments TMP1075 Datasheet HTML 26Page - Texas Instruments TMP1075 Datasheet HTML 27Page - Texas Instruments TMP1075 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
7.5.1.5 Device ID Register (address = 0Fh) [default reset = 7500]
Figure 7-16 shows this read-only register reads the device ID, and this register only available on the TMP1075
non-N orderables.
Figure 7-16. Device ID Register
15
14
13
12
11
10
9
8
DID15
DID14
DID13
DID12
DID11
DID10
DID9
DID8
R-0
R-1
R-1
R-1
R-0
R-1
R-0
R-1
7
6
5
4
3
2
1
0
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Table 7-11. Device ID Register Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
DID[15:0]
R/W
7500h
16-bit, read-only register that stores the die ID for the device.
The MSB reads the static value 75h to indicate the device name
for TMP1075
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMP1075 can measure the PCB temperature of the location where the user mounts the device. The
TMP1075 features two-wire SMBus and I2C interface compatibility, with the TMP1075 allowing up to 32
(TMP1075N: 4) devices on one bus. The TMP1075 requires a pullup resistor on the SDA pin, and if needed, on
the SCL and ALERT pins. A 0.01-μF bypass capacitor is also required (see Figure 8-1 ).
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com