Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075 Datasheet(HTML) 3 Page - Texas Instruments

  TMP1075 Datasheet HTML 1Page - Texas Instruments TMP1075 Datasheet HTML 2Page - Texas Instruments TMP1075 Datasheet HTML 3Page - Texas Instruments TMP1075 Datasheet HTML 4Page - Texas Instruments TMP1075 Datasheet HTML 5Page - Texas Instruments TMP1075 Datasheet HTML 6Page - Texas Instruments TMP1075 Datasheet HTML 7Page - Texas Instruments TMP1075 Datasheet HTML 8Page - Texas Instruments TMP1075 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
4 Device Comparison
Table 4-1 lists the key specification and feature differences between the different TMP1075 packages.
Table 4-1. Package Feature and Spec Comparison
SPEC/FEATURE
TMP1075
TMP1075N
D
DGK
DSG
DRL
Supply Voltage
1.7 V to 5.5 V
1.7 V to 5.5 V
1.7 V to 5.5 V
1.62 V to 3.6 V
Temperature Range
–55°C to 125°C
–55°C to 125°C
–55°C to 125°C
–40°C to 125°C
Body Size
4.90 mm × 3.91 mm
3.00 mm × 3.00 mm
2.00 mm × 2.00 mm
1.60 mm × 1.20 mm
Accuracy
±1.0°C: –40°C to +110°C
±2.0°C: –55°C to 125°C
±1.0°C: –40°C to +110°C
±2.0°C: –55°C to 125°C
±1.0°C: –40°C to +75°C
±2.0°C: –55°C to 125°C
±1.0°C: –10°C to +60°C
±2.0°C: –40°C to 125°C
I2C Addresses
32
32
32
4
Conversion Rate
Settings
Yes
Yes
Yes
No
Device ID
Yes
Yes
Yes
No
www.ti.com
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com