Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP1075
Description  TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP1075 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 7Page - Texas Instruments TMP1075 Datasheet HTML 8Page - Texas Instruments TMP1075 Datasheet HTML 9Page - Texas Instruments TMP1075 Datasheet HTML 10Page - Texas Instruments TMP1075 Datasheet HTML 11Page - Texas Instruments TMP1075 Datasheet HTML 12Page - Texas Instruments TMP1075 Datasheet HTML 13Page - Texas Instruments TMP1075 Datasheet HTML 14Page - Texas Instruments TMP1075 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-10
0
10
20
30
40
50
60
70
80
90
D005
1 MHz
400 KHz
100 KHz
No I2C
Figure 6-8. Supply Current vs. I2C Bus Clock and
Supply Voltage in Shutdown Mode
Pin Sink Current (mA)
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D006
V+ = 1.7 V
V+ = 2.5 V
V+ = 3.3 V
V+ = 5.5 V
Figure 6-9. ALERT Pin Output Voltage vs. Sink
Current
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D007
Figure 6-10. Sampling Period Change vs. Temperature (1.7 V to 5.5 V)
www.ti.com
TMP1075
SBOS854F – MARCH 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP1075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com