Electronic Components Datasheet Search
  English  ▼

X  

TMP709 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP709
Description  TMP709 Resistor-Programmable Temperature Switch in SOT Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP709 Datasheet(HTML) 5 Page - Texas Instruments

  TMP709 Datasheet HTML 1Page - Texas Instruments TMP709 Datasheet HTML 2Page - Texas Instruments TMP709 Datasheet HTML 3Page - Texas Instruments TMP709 Datasheet HTML 4Page - Texas Instruments TMP709 Datasheet HTML 5Page - Texas Instruments TMP709 Datasheet HTML 6Page - Texas Instruments TMP709 Datasheet HTML 7Page - Texas Instruments TMP709 Datasheet HTML 8Page - Texas Instruments TMP709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
TMP709
www.ti.com
SBOS583B – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TMP709
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = 0°C to 125°C and VCC = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
ICC
Supply current
VCC = 5 V
40
55
µA
VCC = 2.7 V
40
55
µA
TEMPERATURE
TE
Temperature error
TA = 60°C to 100°C
±0.5
±3
°C
DIGITAL INPUT (HYST)
VIH
High-level input voltage
0.7 × VCC
V
VIL
Low-level input voltage
0.3 × VCC
V
CIN
Input capacitance
10
pF
ANALOG INPUT (SET)
VIN
Input voltage range
0
VCC
V
Ilkg_in
Input leakage current
1
µA
DIGITAL OPEN-DRAIN OUTPUT (OT)
I(OT_SINK)
Output sink current
VOT = 0.3 V
5
12
mA
Ilkg(OT)
Output leakage current
VOT = VCC
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com