Electronic Components Datasheet Search
  English  ▼

X  

TMP709 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP709
Description  TMP709 Resistor-Programmable Temperature Switch in SOT Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP709 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP709 Datasheet HTML 7Page - Texas Instruments TMP709 Datasheet HTML 8Page - Texas Instruments TMP709 Datasheet HTML 9Page - Texas Instruments TMP709 Datasheet HTML 10Page - Texas Instruments TMP709 Datasheet HTML 11Page - Texas Instruments TMP709 Datasheet HTML 12Page - Texas Instruments TMP709 Datasheet HTML 13Page - Texas Instruments TMP709 Datasheet HTML 14Page - Texas Instruments TMP709 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SET
GND
OT
VCC
HYST
0.1 …F
RSET
VIA to ground plane
VIA to power plane
150
11
TMP709
www.ti.com
SBOS583B – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TMP709
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The TMP709 low supply current and supply range allow this device to be powered from many sources. Any
significant noise on the VCC pin can result in a trip-point error. Minimize this noise by low-pass filtering the
device supply (VCC) using a 150-Ω resistor and a 0.1-μF capacitor.
10 Layout
10.1 Layout Guidelines
The TMP709 is extremely simple to lay out. Figure 7 shows the recommended board layout.
10.2 Layout Example
Figure 7. Recommended Layout
10.3 Thermal Considerations
The TMP709 quiescent current is typically 40 μA. The device dissipates negligible power when the output drives
a high-impedance load. Thus, the die temperature is the same as the package temperature. In order to maintain
accurate temperature monitoring, provide a good thermal contact between the TMP709 package and the device
being monitored. The rise in die temperature as a result of self-heating is given by Equation 2:
ΔTJ = PDISS × θJA
where
•
PDISS = power dissipated by the device.
•
θJA = package thermal resistance. Typical thermal resistance for SOT-23 package is 217.9°C/W.
(2)
To limit the effects of self-heating, keep the output current at a minimum level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com