Electronic Components Datasheet Search
  English  ▼

X  

TMP709 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP709
Description  TMP709 Resistor-Programmable Temperature Switch in SOT Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP709 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP709 Datasheet HTML 6Page - Texas Instruments TMP709 Datasheet HTML 7Page - Texas Instruments TMP709 Datasheet HTML 8Page - Texas Instruments TMP709 Datasheet HTML 9Page - Texas Instruments TMP709 Datasheet HTML 10Page - Texas Instruments TMP709 Datasheet HTML 11Page - Texas Instruments TMP709 Datasheet HTML 12Page - Texas Instruments TMP709 Datasheet HTML 13Page - Texas Instruments TMP709 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OUT
50°C
60°C
T
(TRIP)
V
S
10
TMP709
SBOS583B – DECEMBER 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP709
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Detailed Design Procedure
Connect the HYST pin to VCC for 10°C hysteresis. For a 60°C temperature threshold, see the Set-Point Resistor
(RSET) section to compute an ideal RSET resistor value of 44.619 kΩ. Select the closest standard value resistor
available; in this case, 44.2 kΩ. Use a 10-kΩ pullup resistor from the OT pin to the VCC pin. To minimize power,
a larger-value pullup resistor can be used, but must not exceed 470 kΩ. Place a 0.1-μF bypass capacitor close to
the TMP709 device in order to reduce noise coupled from the power supply.
8.2.3 Application Curves
Figure 6 shows an example of the hysteresis feature. The HYST pin is connected to VCC, so the TMP709 device
is configured for 10°C of hysteresis. The device is configured for a 60°C trip temperature by the RSET resistor
value; therefore, the OT output asserts low when the 60°C threshold is exceeded. The OT output remains
asserted low until the sensor reaches 50°C.
Figure 6. TMP709 Hysteresis Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com