Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28030 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320F28030
Description  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28030 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320F28030 Datasheet HTML 18Page - Texas Instruments TMS320F28030 Datasheet HTML 19Page - Texas Instruments TMS320F28030 Datasheet HTML 20Page - Texas Instruments TMS320F28030 Datasheet HTML 21Page - Texas Instruments TMS320F28030 Datasheet HTML 22Page - Texas Instruments TMS320F28030 Datasheet HTML 23Page - Texas Instruments TMS320F28030 Datasheet HTML 24Page - Texas Instruments TMS320F28030 Datasheet HTML 25Page - Texas Instruments TMS320F28030 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 175 page
background image
6.5 Power Consumption Summary
6.5.1 TMS320F2803x Current Consumption at 60-MHz SYSCLKOUT
MODE
TEST CONDITIONS
VREG ENABLED
VREG DISABLED
IDDIO (1)
IDDA (2)
IDD
IDDIO (1)
IDDA (2)
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
Operational
(Flash)
The following peripheral clocks
are enabled:
•
ePWM1/2/3/4/5/6/7
•
eCAP1
•
eQEP1
•
eCAN
•
LIN
•
CLA
•
HRPWM
•
SCI-A
•
SPI-A/B
•
ADC
•
I2C
•
COMP1/2/3
•
CPU-TIMER0/1/2
All PWM pins are toggled at
60 kHz.
All I/O pins are left
unconnected.(4) (6)
Code is running out of flash
with 2 wait states.
XCLKOUT is turned off.
114 mA(7)
135 mA(7)
14 mA
18 mA
101 mA(7)
120 mA(7)
14 mA
18 mA
14 mA
18 mA
IDLE
Flash is powered down.
XCLKOUT is turned off.
All peripheral clocks are turned
off.
13 mA
23 mA
10 μA
15 μA
13 mA
24 mA
120 μA
400 μA
10 μA
15 μA
STANDBY
Flash is powered down.
Peripheral clocks are off.
4 mA
9 mA
10 μA
15 μA
4 mA
7 mA
120 μA
400 μA
10 μA
15 μA
HALT
Flash is powered down.
Peripheral clocks are off.
Input clock is disabled.(5)
46 μA
10 μA
15 μA
30 μA
24 μA
10 μA
15 μA
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
To realize the IDDA currents shown for IDLE, STANDBY, and HALT, clock to the ADC module must be turned off explicitly by writing to
the PCLKCR0 register.
(3)
The TYP numbers are applicable over room temperature and nominal voltage.
(4)
The following is done in a loop:
•
Data is continuously transmitted out of SPI-A/B, SCI-A, eCAN, LIN, and I2C ports.
•
The hardware multiplier is exercised.
•
Watchdog is reset.
•
ADC is performing continuous conversion.
•
COMP1/2 are continuously switching voltages.
•
GPIO17 is toggled.
(5)
If a quartz crystal or ceramic resonator is used as the clock source, the HALT mode shuts down the on-chip crystal oscillator.
(6)
CLA is continuously performing polynomial calculations.
(7)
For F2803x devices that do not have CLA, subtract the IDD current number for CLA (see Table 6-1) from the IDD (VREG disabled)/IDDIO
(VREG enabled) current numbers shown in Section 6.5.1 for operational mode.
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com