Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28030 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320F28030
Description  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28030 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F28030 Datasheet HTML 3Page - Texas Instruments TMS320F28030 Datasheet HTML 4Page - Texas Instruments TMS320F28030 Datasheet HTML 5Page - Texas Instruments TMS320F28030 Datasheet HTML 6Page - Texas Instruments TMS320F28030 Datasheet HTML 7Page - Texas Instruments TMS320F28030 Datasheet HTML 8Page - Texas Instruments TMS320F28030 Datasheet HTML 9Page - Texas Instruments TMS320F28030 Datasheet HTML 10Page - Texas Instruments TMS320F28030 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 175 page
background image
Table 4-1. Device Comparison (continued)
FEATURE
TYPE
(1)
28030
28030-Q1
(60 MHz)
28031
28031-Q1
(60 MHz)
28032
28032-Q1
(60 MHz)
28033
28033-Q1
(60 MHz)
28034
28034-Q1
(60 MHz)
28035
28035-Q1
(60 MHz)
Package Type
80-
Pin
PN
LQFP
64-
Pin
PAG
TQFP
56-
Pin
RSH
VQFN
80-
Pin
PN
LQFP
64-
Pin
PAG
TQFP
56-
Pin
RSH
VQFN
80-
Pin
PN
LQFP
64-
Pin
PAG
TQFP
56-
Pin
RSH
VQFN
80-
Pin
PN
LQFP
64-
Pin
PAG
TQFP
56-
Pin
RSH
VQFN
80-
Pin
PN
LQFP
64-
Pin
PAG
TQFP
56-
Pin
RSH
VQFN
80-
Pin
PN
LQFP
64-
Pin
PAG
TQFP
56-
Pin
RSH
VQFN
Temperat
ure
options
T: –40°C to
105°C
–
28030
28031
28032
28033
28034
28035
S: –40°C to
125°C
–
28030
28031
28032
28033
28034
28035
Q: –40°C to
125°C(2)
–
28030-Q1
–
28031-Q1
–
28032-Q1
–
28033-Q1
–
28034-Q1
–
28035-Q1
–
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
C2000 Real-Time Control Peripherals Reference Guide and in the TMS320F2803x Real-Time Microcontrollers Technical Reference
Manual.
(2)
The letter Q refers to AEC Q100 qualification for automotive applications.
www.ti.com
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com