Electronic Components Datasheet Search
  English  ▼

X  

TMUX1247 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX1247
Description  TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1247 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1247 Datasheet HTML 12Page - Texas Instruments TMUX1247 Datasheet HTML 13Page - Texas Instruments TMUX1247 Datasheet HTML 14Page - Texas Instruments TMUX1247 Datasheet HTML 15Page - Texas Instruments TMUX1247 Datasheet HTML 16Page - Texas Instruments TMUX1247 Datasheet HTML 17Page - Texas Instruments TMUX1247 Datasheet HTML 18Page - Texas Instruments TMUX1247 Datasheet HTML 19Page - Texas Instruments TMUX1247 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
NETWORK
ANALYZER
GND
S1
S2
VSIG
50Q
VOUT
RL
50Q
RL
D
50Q
VS
VDD
0.1µF
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
GND
NETWORK
ANALYZER
VOUT
S
D
50Q
VSIG
RL
50Q
SX
RL
50Q
VS
VDD
0.1µF
16
TMUX1247
SCDS399 – AUGUST 2019
www.ti.com
Product Folder Links: TMUX1247
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.7 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to the
source pin (Sx) of an off-channel. Figure 13 shows the setup used to measure, and the equation used to
calculate off isolation.
Figure 13. Off Isolation Measurement Setup
(1)
7.8 Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (D) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. Figure 14 shows the setup used to measure, and the equation used to
calculate crosstalk.
Figure 14. Crosstalk Measurement Setup
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com