Electronic Components Datasheet Search
  English  ▼

X  

TMUX1247 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX1247
Description  TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1247 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1247 Datasheet HTML 17Page - Texas Instruments TMUX1247 Datasheet HTML 18Page - Texas Instruments TMUX1247 Datasheet HTML 19Page - Texas Instruments TMUX1247 Datasheet HTML 20Page - Texas Instruments TMUX1247 Datasheet HTML 21Page - Texas Instruments TMUX1247 Datasheet HTML 22Page - Texas Instruments TMUX1247 Datasheet HTML 23Page - Texas Instruments TMUX1247 Datasheet HTML 24Page - Texas Instruments TMUX1247 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
VDD - Supply Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
0
5
10
15
20
25
30
Rising
Falling
D004
21
TMUX1247
www.ti.com
SCDS399 – AUGUST 2019
Product Folder Links: TMUX1247
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
This design example uses the parameters listed in Table 3.
Table 2. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
5 V
Mux I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds
1.8 V compatible (up to 5.5V)
9.2.1.2 Detailed Design Procedure
The application shown in Figure 17 demonstrates how to toggle between the DAC output and GND for control of
a power amplifier using a single control input. The DAC output is utilized to bias the gate of the power amplifier
and can be disconnected from the circuit using the select pin of the switch. The TMUX1247 can support 1.8-V
logic signals on the control input, allowing the device to interface with low logic controls of an FPGA or MCU. The
TMUX1247 can be operated without any external components except for the supply decoupling capacitors. The
select pin is recommended to have a weak pull-down or pull-up resistor to ensure the input is in a known state.
All inputs to the switch must fall within the recommend operating conditions of the TMUX1247 including signal
range and continuous current. For this design with a supply of 5 V the signal range can be 0 V to 5 V and the
max continuous current can be 30 mA.
9.2.1.3 Application Curve
A key parameter for this application is the transition time of the device. Faster transition time allows the system to
toggle between input sources at a faster rate and allows the output to settle to the final value. The TMUX1247
has a transition time that varies with supply voltage and is shown in Figure 18
TA = 25°C
Figure 18. Ttransition vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com