Electronic Components Datasheet Search
  English  ▼

X  

TMUX1247 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX1247
Description  TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1247 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1247 Datasheet HTML 1Page - Texas Instruments TMUX1247 Datasheet HTML 2Page - Texas Instruments TMUX1247 Datasheet HTML 3Page - Texas Instruments TMUX1247 Datasheet HTML 4Page - Texas Instruments TMUX1247 Datasheet HTML 5Page - Texas Instruments TMUX1247 Datasheet HTML 6Page - Texas Instruments TMUX1247 Datasheet HTML 7Page - Texas Instruments TMUX1247 Datasheet HTML 8Page - Texas Instruments TMUX1247 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TMUX1247
SEL
S1
D
S2
RF Output
TMUX1247
SEL
1.8 V
DAC
0 V
5 V
RF Input
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMUX1247
SCDS399 – AUGUST 2019
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
1
1 Features
1
•
Rail to rail operation
•
Bidirectional signal path
•
1.8 V Logic compatible
•
Fail-safe logic
•
Low on-resistance: 3 Ω
•
Wide supply range: 1.08 V to 5.5 V
•
-40°C to +125°C Operating temperature
•
Low supply current: 4 nA
•
Transition time: 14 ns
•
Break-before-make switching
•
ESD protection HBM: 2000 V
2 Applications
•
Analog and Digital Switching
•
I2C and SPI bus Multiplexing
•
Remote radio units
•
Active antenna system mMIMO (AAS)
•
Barcode scanner
•
Motor drives
•
Building automation
•
Analog input module
•
Power delivery
•
Video surveillance
•
Electronic point of sale
•
Appliances
•
Consumer audio
3 Description
The TMUX1247 is a general purpose complementary
metal-oxide
semiconductor
(CMOS)
single-pole
double-throw
(SPDT)
switch.
The
TMUX1247
switches between two source inputs based on the
state of the SEL pin. Wide operating supply of 1.08 V
to 5.5 V allows for use in a broad array of
applications from personal electronics to building
automation. The device supports bidirectional analog
and digital signals on the source (Sx) and drain (D)
pins ranging from GND to VDD. A low supply current
of 4 nA enables use in portable applications.
All
logic
inputs
have
1.8
V
logic
compatible
thresholds, ensuring both TTL and CMOS logic
compatibility when operating in the valid supply
voltage
range.
Fail-Safe
Logic
circuitry
allows
voltages on the control pins to be applied before the
supply pin, protecting the device from potential
damage.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX1247
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
SPACER
SPACER
Application Example
TMUX1247 Block Diagram


Similar Part No. - TMUX1247

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1247 TI1-TMUX1247 Datasheet
1Mb / 31P
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
TMUX1247DCKR TI1-TMUX1247DCKR Datasheet
1Mb / 31P
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
More results

Similar Description - TMUX1247

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
TriQuint Semiconductor
CSH210R TRIQUINT-CSH210R Datasheet
323Kb / 7P
General Purpose SPDT Switch
logo
Texas Instruments
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1219 TI1-TMUX1219 Datasheet
1Mb / 30P
5-V Bidirectional, 2:1 General Purpose Switch
TMUX1247 TI1-TMUX1247 Datasheet
1Mb / 31P
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
TMUX1237 TI1-TMUX1237 Datasheet
1Mb / 31P
TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com