Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX1511
Description  TMUX1511 Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1511 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1511 Datasheet HTML 17Page - Texas Instruments TMUX1511 Datasheet HTML 18Page - Texas Instruments TMUX1511 Datasheet HTML 19Page - Texas Instruments TMUX1511 Datasheet HTML 20Page - Texas Instruments TMUX1511 Datasheet HTML 21Page - Texas Instruments TMUX1511 Datasheet HTML 22Page - Texas Instruments TMUX1511 Datasheet HTML 23Page - Texas Instruments TMUX1511 Datasheet HTML 24Page - Texas Instruments TMUX1511 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
7 Detailed Description
7.1 Overview
The TMUX1511 is a high speed 1:1 (SPST) 4-channel switch with powered-off protection up to 3.6V. Wide
operating supply of 1.5V to 5.5V allows for use in a broad array of applications from servers and communication
equipment to industrial applications. The device supports bidirectional analog and digital signals on the source
(Sx) and drain (Dx) pins. The wide bandwidth of this switch allows little or no attenuation of the high-speed
signals at the outputs to pass with minimum edge and phase distortion as well as propagation delay.
The select (SELx) pins are active-high logic pins that control the connection between the source (Sx) and drain
(Dx) pins of the device. Each channel of the TMUX1511 can be controlled independently through the associated
select pin, or all four select pins can be tied together for simultaneous control of all channels with a single GPIO.
Fail-Safe Logic circuitry allows voltages on the logic control pins to be applied before the supply pin, protecting
the device from potential damage. All logic control inputs have 1.8V logic compatible thresholds, ensuring both
TTL and CMOS logic compatibility when operating in the valid supply voltage range.
Powered-off protection up to 3.6V on the signal path of the TMUX1511 provides isolation when the supply
voltage is removed (VDD = 0V). Without this protection feature, the system can back-power the supply rail
through an internal ESD diode and cause potential damage to the system.
7.2 Functional Block Diagram
RWB Package
SEL1
S1
D1
S2
D2
SEL2
S4
D4
S3
D3
*Internal 6MΩ Pull-Down on Logic Pins
TMUX1511
SEL1
S1
D1
SEL2
S2
D2
SEL4
S4
D4
SEL3
S3
D3
*Internal 6MO Pull-Down on Logic Pins
7.3 Feature Description
7.3.1 Bidirectional Operation
The TMUX1511 conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
7.3.2 Beyond Supply Operation
When the TMUX1511 is powered from 1.5V to 5.5V, the valid signal path input/output voltage ranges from GND
to VDD x 2, with a maximum input/output voltage of 5.5V.
Example 1: If the TMUX1511 is powered at 1.5V, the signal range is 0V to 3V.
Example 2: If the TMUX1511 is powered at 3V, the signal range is 0V to 5.5V.
Example 3: If the TMUX1511 is powered at 5.5V, the signal range is 0V to 5.5V.
Other voltage levels not mentioned in the examples will support Beyond Supply Operation as long as the supply
voltage falls within the recommended operation conditions of 1.5V to 5.5V.
7.3.3 1.8V Logic Compatible Inputs
The TMUX1511 has 1.8V logic compatible control inputs. Regardless of the VDD voltage, the control input
thresholds remain fixed, allowing a 1.8V processor GPIO to control the TMUX1511 without the need for an
www.ti.com
TMUX1511
SCDS390B – SEPTEMBER 2018 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com