Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX1511
Description  TMUX1511 Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1511 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX1511 Datasheet HTML 22Page - Texas Instruments TMUX1511 Datasheet HTML 23Page - Texas Instruments TMUX1511 Datasheet HTML 24Page - Texas Instruments TMUX1511 Datasheet HTML 25Page - Texas Instruments TMUX1511 Datasheet HTML 26Page - Texas Instruments TMUX1511 Datasheet HTML 27Page - Texas Instruments TMUX1511 Datasheet HTML 28Page - Texas Instruments TMUX1511 Datasheet HTML 29Page - Texas Instruments TMUX1511 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
8.2.2.3 Application Curves
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-10
-8
-6
-4
-2
0
2
4
6
8
10
D007
VDD = 5.5 V
VDD = 3.3 V
VDD = 1.5 V
TA = 25°C
Figure 8-4. On-Leakage vs Source or Drain Voltage
Frequency (Hz)
0
2
4
6
8
1M
10M
100M
1G
D020
COFF
CON
TA = 25°C
Figure 8-5. Capacitance vs Frequency
9 Power Supply Recommendations
The TMUX1511 operates across a wide supply range of 1.5V to 5.5V. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VDD
supply to other components. Good power-supply decoupling is important to achieve optimum performance.
For improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1μF to 10μF from VDD
to ground. Place the bypass capacitors as close to the power supply pins of the device as possible using
low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low
equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes.
For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias for connecting
the capacitors to the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers
the overall inductance and is beneficial for connections to ground planes.
TMUX1511
SCDS390B – SEPTEMBER 2018 – REVISED MARCH 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com