Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX1511
Description  TMUX1511 Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1511 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1511 Datasheet HTML 1Page - Texas Instruments TMUX1511 Datasheet HTML 2Page - Texas Instruments TMUX1511 Datasheet HTML 3Page - Texas Instruments TMUX1511 Datasheet HTML 4Page - Texas Instruments TMUX1511 Datasheet HTML 5Page - Texas Instruments TMUX1511 Datasheet HTML 6Page - Texas Instruments TMUX1511 Datasheet HTML 7Page - Texas Instruments TMUX1511 Datasheet HTML 8Page - Texas Instruments TMUX1511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TMUX1511 Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch
with 1.8V Logic
1 Features
• Wide Supply Range: 1.5V to 5.5V
• Low On-Capacitance: 3.3pF
• Low On-Resistance: 2Ω
• High Bandwidth: 3GHz
• -40°C to +125°C Operating Temperature
• 1.8V Logic Compatible
• Supports Input Voltage Beyond Supply
• Integrated Pull Down Resistor on Logic Pins
• Bidirectional Signal Path
• Fail-Safe Logic
• Powered-off protection up to 3.6V
– Pinout compatible to SN74CBTLV3126
– Pinout compatible (logic variant) of
SN74CBTLV3125
2 Applications
• Servers
• Wired Networking
• Wireless Infrastructure
• Data Center Switches & Routers
• PC/Notebooks
• Building Automation
• ePOS
• Motor Drives
• Appliances
• Battery-Powered Equipment
• JTAG Isolation
• SPI Isolation
3 Description
The TMUX1511 is a complementary metal-oxide
semiconductor (CMOS) switch. The TMUX1511 offers
1:1 SPST switch configuration with 4 independently
controlled channels. Wide operating supply of
1.5V to 5.5V allows for use in a broad array
of applications from servers and communication
equipment to industrial applications. The device
supports bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins and can pass signals
above supply up to VDD x 2, with a maximum input/
output voltage of 5.5V.
Up to 3.6V on the signal path of the TMUX1511
provides isolation when the supply voltage is removed
(VDD = 0V). Without this protection feature, switches
can back-power the supply rail through an internal
ESD diode and cause potential damage to the
system.
Fail-Safe Logic circuitry allows voltages on the logic
control pins to be applied before the supply pin,
protecting the device from potential damage. All logic
control inputs have 1.8V logic compatible thresholds,
ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range.
Package Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TMUX1511
TSSOP (14)
5.00mm × 4.40mm
QFN (16)
2.60mm x 1.80mm
X2QFN (12)
1.60mm x 1.60mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
S1
S2
S3
S4
SEL2
SEL4
Processor
GND
VDD
VDD
VI/O
1.8V Logic
I/O
SEL3
SEL1
GND
JTAG, SPI, GPIO
Port
JTA G
DEBUG,
SPI, GPIO
D1
D2
D3
D4
FLASH
RAM
CPU
Per ipheral s
TDI / MIS O / GPIO
TDO / MOSI / GPIO
TCK / SCLK / GPIO
TMS / SS / GPIO
0.1µF
Application Example
TMUX1511
SCDS390B – SEPTEMBER 2018 – REVISED MARCH 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX1511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511 Datasheet
2Mb / 45P
TMUX1511 Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8V Logic
MARCH 2025
TMUX1511PWR TI1-TMUX1511PWR Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511PWR TI1-TMUX1511PWR Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
More results

Similar Description - TMUX1511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574_V01 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1575 TI-TMUX1575 Datasheet
935Kb / 25P
TMUX1575 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch in WCSP with 1.2 V Logic
TMUX7411F TI-TMUX7411F Datasheet
1Mb / 30P
TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
TMUX7411F TI-TMUX7411F_V02 Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com