Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28026DA Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320F28026DA
Description  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28026DA Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320F28026DA Datasheet HTML 49Page - Texas Instruments TMS320F28026DA Datasheet HTML 50Page - Texas Instruments TMS320F28026DA Datasheet HTML 51Page - Texas Instruments TMS320F28026DA Datasheet HTML 52Page - Texas Instruments TMS320F28026DA Datasheet HTML 53Page - Texas Instruments TMS320F28026DA Datasheet HTML 54Page - Texas Instruments TMS320F28026DA Datasheet HTML 55Page - Texas Instruments TMS320F28026DA Datasheet HTML 56Page - Texas Instruments TMS320F28026DA Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 147 page
background image
9.5 VREG/BOR/POR
Although the core and I/O circuitry operate on two different voltages, these devices have an on-chip voltage
regulator (VREG) to generate the VDD voltage from the VDDIO supply. This eliminates the cost and space of a
second external regulator on an application board. Additionally, internal power-on reset (POR) and brown-out
reset (BOR) circuits monitor both the VDD and VDDIO rails during power-up and run mode.
9.5.1 On-chip Voltage Regulator (VREG)
A linear regulator generates the core voltage (VDD) from the VDDIO supply. Therefore, although capacitors are
required on each VDD pin to stabilize the generated voltage, power need not be supplied to these pins to operate
the device. Conversely, the VREG can be disabled, should power or redundancy be the primary concern of the
application.
9.5.1.1 Using the On-chip VREG
To use the on-chip VREG, the VREGENZ pin should be tied low and the appropriate recommended operating
voltage should be supplied to the VDDIO and VDDA pins. In this case, the VDD voltage needed by the core logic
will be generated by the VREG. Each VDD pin requires on the order of 1.2 μF (minimum) capacitance for proper
regulation of the VREG. These capacitors should be located as close as possible to the VDD pins. Driving an
external load with the internal VREG is not supported.
9.5.1.2 Disabling the On-chip VREG
To conserve power, it is also possible to disable the on-chip VREG and supply the core logic voltage to the VDD
pins with a more efficient external regulator. To enable this option, the VREGENZ pin must be tied high.
www.ti.com
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com