Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28026DA Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS320F28026DA
Description  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28026DA Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320F28026DA Datasheet HTML 66Page - Texas Instruments TMS320F28026DA Datasheet HTML 67Page - Texas Instruments TMS320F28026DA Datasheet HTML 68Page - Texas Instruments TMS320F28026DA Datasheet HTML 69Page - Texas Instruments TMS320F28026DA Datasheet HTML 70Page - Texas Instruments TMS320F28026DA Datasheet HTML 71Page - Texas Instruments TMS320F28026DA Datasheet HTML 72Page - Texas Instruments TMS320F28026DA Datasheet HTML 73Page - Texas Instruments TMS320F28026DA Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 147 page
background image
9.9.1.1 Analog-to-Digital Converter (ADC)
9.9.1.1.1 Features
The core of the ADC contains a single 12-bit converter fed by two sample-and-hold circuits. The sample-and-
hold circuits can be sampled simultaneously or sequentially. These, in turn, are fed by a total of up to 13 analog
input channels. The converter can be configured to run with an internal band-gap reference to create true-
voltage based conversions or with a pair of external voltage references (VREFHI/VREFLO) to create ratiometric-
based conversions.
Contrary to previous ADC types, this ADC is not sequencer-based. It is easy for the user to create a series of
conversions from a single trigger. However, the basic principle of operation is centered around the configurations
of individual conversions, called SOCs, or Start-Of-Conversions.
Functions of the ADC module include:
• 12-bit ADC core with built-in dual sample-and-hold (S/H)
• Simultaneous sampling or sequential sampling modes
• Full range analog input: 0 V to 3.3 V fixed, or VREFHI/VREFLO ratiometric. The digital value of the input analog
voltage is derived by:
– Internal Reference (VREFLO = VSSA. VREFHI must not exceed VDDA when using either internal or external
reference modes.)
0,
Value
Digital
=
V
0
input
when
£
3.3
V
Voltage
Analog
Input
4096
Value
Digital
REFLO
-
´
=
V
3.3
input
V
0
when
<
<
4095,
Value
Digital
=
V
3.3
input
when
³
– External Reference (VREFHI/VREFLO connected to external references. VREFHI must not exceed VDDA when
using either internal or external reference modes.)
0,
Value
Digital
=
V
0
input
when
£
V
V
V
Voltage
Analog
Input
4096
Value
Digital
REFLO
REFHI
REFLO
-
-
´
=
V
input
V
0
when
REFHI
<
<
4095,
Value
Digital
=
V
input
when
REFHI
³
• Up to 16-channel, multiplexed inputs
• 16 SOCs, configurable for trigger, sample window, and channel
• 16 result registers (individually addressable) to store conversion values
• Multiple trigger sources
– S/W – software immediate start
– ePWM 1–4
– GPIO XINT2
– CPU Timers 0/1/2
– ADCINT1/2
• 9 flexible PIE interrupts, can configure interrupt request after any conversion
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com