Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136PWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX6136PWR
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136PWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX6136PWR Datasheet HTML 17Page - Texas Instruments TMUX6136PWR Datasheet HTML 18Page - Texas Instruments TMUX6136PWR Datasheet HTML 19Page - Texas Instruments TMUX6136PWR Datasheet HTML 20Page - Texas Instruments TMUX6136PWR Datasheet HTML 21Page - Texas Instruments TMUX6136PWR Datasheet HTML 22Page - Texas Instruments TMUX6136PWR Datasheet HTML 23Page - Texas Instruments TMUX6136PWR Datasheet HTML 24Page - Texas Instruments TMUX6136PWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
7.2.1 Design Requirements
The goal of this design example is to simplify the FVMC and FCMV functions of a PMU design using a SPDT
switch. The FVMC configuration is useful to test a device being used as a power supply, or in continuity or
leakage testing. In this configuration, the input voltage is directly applied to the DUT pin, and the current into or
out of the DUT pin is converted to a voltage by a sense resistor and measured by an analog to digital converter
(ADC). In the FCMV mode, an input current is forced to the DUT and the produced voltage on the DUT pin is
directly measured. In this example, the PMU design is required to meet the following specifications:
• Force voltage range: –15volts to +15volts
• Force current range: ±5µA to ±50mA
• Measure voltage range: –15volts to +15volts
• Measure current range: ±5µA to ±50mA
In addition to the voltage and current requirements, fast throughput is also a key requirement in ATE because it
relates directly to the cost of manufacturing the DUT.
7.2.2 Detailed Design Procedure
DAC
+
±
+
±
ADC
+
±
Force
Amplifier
RSENSE
TMUX6136
DUT
B
B
A
A
Current
Sense
Amplifier
Voltage
Sense
Amplifier
Av
Figure 7-3. FVMC Implementation in PMU Using
the TMUX6136
DAC
+
±
+
±
ADC
+
±
Force
Amplifier
RSENSE
TMUX6136
DUT
B
B
A
A
Current
Sense
Amplifier
Voltage
Sense
Amplifier
Av
Figure 7-4. FCMV Implementation in PMU Using
the TMUX6136
The implementation of the FVMC and FCMV modes can be combined with the use of a dual SPDT switch such
as the TMUX6136. Figure 7-3 and Figure 7-4 shows simplified diagrams of such implementations. In the FVMC
mode, the switch is toggled to position A and this allows the voltage sense amplifier to become part of the
feedback loop and the voltage output of the current sense amplifier to be sampled by the ADC. In the FCMV
mode, the switch is toggled to position B, and this allows the current sense amplifier to become part of the
feedback loop and the voltage output of the voltage sense amplifier to be sampled by the ADC.
www.ti.com
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com